Electronic Components Datasheet Search
  English  ▼

X  

HA16163T Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16163T
Description  Synchronous Phase Shift Full-Bridge Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16163T Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16163T Datasheet HTML 1Page - Renesas Technology Corp HA16163T Datasheet HTML 2Page - Renesas Technology Corp HA16163T Datasheet HTML 3Page - Renesas Technology Corp HA16163T Datasheet HTML 4Page - Renesas Technology Corp HA16163T Datasheet HTML 5Page - Renesas Technology Corp HA16163T Datasheet HTML 6Page - Renesas Technology Corp HA16163T Datasheet HTML 7Page - Renesas Technology Corp HA16163T Datasheet HTML 8Page - Renesas Technology Corp HA16163T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
HA16163T
REJ03F0001-0600 Rev.6.00 Jul 01, 2008
Page 2 of 29
Pin Arrangement
(Top view)
2
3
4
5
6
7
8
RT
GND
OUT-A
OUT-B
OUT-C
OUT-D
OUT-E
OUT-F
VCC
VREF
20
19
18
17
16
15
14
13
9
12
11
1
SYNC
RAMP
CS
COMP
REMOTE
FB
SS
DELAY-1
DELAY-2
10
DELAY-3
Pin Functions
Pin No.
Pin Name
Pin Function
1
SYNC
Synchronization I/O for the oscillator
2
RAMP
Current sense signal input for the full-bridge control loop
3
CS
Current sense signal input for OCP
4
COMP
Error amplifier output
5
REMOTE
Remote on/off control
6
FB
Voltage feedback input
7
SS
Timing capacitor for both soft start and timer latch
8
DELAY-1
Delay time adjustor for the full-bridge control signal (OUT-A and B)
9
DELAY-2
Delay time adjustor for the full-bridge control signal (OUT-C and D)
10
DELAY-3
Delay time adjustor for the secondary control signal (OUT-E and F)
11
VREF
5 V/20 mA Output
12
VCC
IC power supply input
13
OUT-F
Secondary control signal
14
OUT-E
Secondary control signal
15
OUT-D
Full-bridge control signal
16
OUT-C
Full-bridge control signal
17
OUT-B
Full-bridge control signal
18
OUT-A
Full-bridge control signal
19
GND
Ground level for the IC
20
RT
Timing resistor for the oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com