Electronic Components Datasheet Search
  English  ▼

X  

HA17339AF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA17339AF
Description  Quadruple Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17339AF Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA17339AF Datasheet HTML 1Page - Renesas Technology Corp HA17339AF Datasheet HTML 2Page - Renesas Technology Corp HA17339AF Datasheet HTML 3Page - Renesas Technology Corp HA17339AF Datasheet HTML 4Page - Renesas Technology Corp HA17339AF Datasheet HTML 5Page - Renesas Technology Corp HA17339AF Datasheet HTML 6Page - Renesas Technology Corp HA17339AF Datasheet HTML 7Page - Renesas Technology Corp HA17339AF Datasheet HTML 8Page - Renesas Technology Corp HA17339AF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HA17339A Series
Rev.3.00 Mar 10, 2006 page 2 of 14
• Low electro-magnetic susceptibility
Measurement Condition
1 k
−
+
1 k
0.01
µF
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = 5 V
Vcc
Vout
Vin
5.1 k
Ω
HA17339A Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
1 V
HA17339A (10 MHz)
HA17339A (100 MHz)
HA17339A (0 Hz)
HA17339 Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
HA17339 (10 MHz)
HA17339 (100 MHz)
HA17339 (0 Hz)
Ordering Information
Type No.
Application
Package Name
Package Code
HA17339A
DIP-14 pin
PRDP0014AB-B
HA17339AF
SOP-14 pin (JEITA)
PRSP0014DF-B
HA17339ARP
SOP-14 pin (JEDEC)
PRSP0014DE-A
HA17339AT
Commercial use
TSSOP-14 pin
PTSP0014JA-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com