Electronic Components Datasheet Search
  English  ▼

X  

HA17358AF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA17358AF
Description  Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358AF Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA17358AF Datasheet HTML 1Page - Renesas Technology Corp HA17358AF Datasheet HTML 2Page - Renesas Technology Corp HA17358AF Datasheet HTML 3Page - Renesas Technology Corp HA17358AF Datasheet HTML 4Page - Renesas Technology Corp HA17358AF Datasheet HTML 5Page - Renesas Technology Corp HA17358AF Datasheet HTML 6Page - Renesas Technology Corp HA17358AF Datasheet HTML 7Page - Renesas Technology Corp HA17358AF Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 Mar 10, 2006 page 1 of 7
HA17358A Series
Dual Operational Amplifier
REJ03D0676-0400
Rev.4.00
Mar 10, 2006
Description
HA17358A series are dual operational amplifier that provide high gain and internal phase compensation, with single
power supply. They can be widely applied to control equipments and to general use.
Features
• Wide range of supply voltage, and single power supply used
• Wide range of common mode voltage, and possible to operate with an input about 0 V, and output around 0 V is
available
• Frequency characteristics and input bias current are temperature compensated
• Low electro-magnetic susceptibility level
Output Offset Voltage vs. Input Interference
Measurement Condition
5.0
4.0
3.0
2.0
1.0
0
−1.0
100E+3
1E+6
10E+6
100E+6
1E+9
10E+9
Input RF frequency (Hz)
HA17358A series
HA17358 series
Rs
−
+
Rs
0.01
µ
Vin
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = +7.5 V
Vee =
−7.5 V
Rf
Rf
Vout
(= 100
∗Vio)
V
_
Improve-
ment
Ordering Information
Type No.
Application
Package Name
Package Code
HA17358A
DIP-8 pin
PRDP0008AF-B
HA17358AF
SOP-8 pin (JEITA)
PRSP0008DE-B
HA17358ARP
SOP-8 pin (JEDEC)
PRSP0008DD-C
HA17358AT
Commercial use
TSSOP-8 pin
PTSP0008JC-B


Similar Part No. - HA17358AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17358AF RENESAS-HA17358AF Datasheet
125Kb / 12P
Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
Hitachi Semiconductor
HA17358AFP HITACHI-HA17358AFP Datasheet
63Kb / 10P
Dual Operational Amplifier
More results

Similar Description - HA17358AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com