Electronic Components Datasheet Search
  English  ▼

X  

STW12NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW12NC60
Description  N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW12NC60 Datasheet HTML 1Page - STMicroelectronics STW12NC60 Datasheet HTML 2Page - STMicroelectronics STW12NC60 Datasheet HTML 3Page - STMicroelectronics STW12NC60 Datasheet HTML 4Page - STMicroelectronics STW12NC60 Datasheet HTML 5Page - STMicroelectronics STW12NC60 Datasheet HTML 6Page - STMicroelectronics STW12NC60 Datasheet HTML 7Page - STMicroelectronics STW12NC60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2000
STW12NC60
N-CHANNEL 600V - 0.48
Ω - 12A TO-247
PowerMesh
™II MOSFET
s
TYPICAL RDS(on) = 0.48Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™ II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW12NC60
600V
< 0.55
Ω
12 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
12
A
ID
Drain Current (continuos) at TC = 100°C
8A
IDM (q)
Drain Current (pulsed)
18
A
PTOT
Total Dissipation at TC =25°C
190
W
Derating Factor
1.52
W/
°C
dv/dt(1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤11A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW12NC60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW12NC60 ISC-STW12NC60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW12NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STU11NC60 STMICROELECTRONICS-STU11NC60 Datasheet
85Kb / 8P
N-CHANNEL 600V - 0.48ohm - 11A Max220 PowerMeshII MOSFET
Jun-2000
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
logo
Alpha & Omega Semicondu...
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
600V, 12A N-Channel MOSFET
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
600V,12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com