Electronic Components Datasheet Search
  English  ▼

X  

BCR5KM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR5KM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5KM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button BCR5KM Datasheet HTML 2Page - Renesas Technology Corp BCR5KM Datasheet HTML 3Page - Renesas Technology Corp BCR5KM Datasheet HTML 4Page - Renesas Technology Corp BCR5KM Datasheet HTML 5Page - Renesas Technology Corp BCR5KM Datasheet HTML 6Page - Renesas Technology Corp BCR5KM Datasheet HTML 7Page - Renesas Technology Corp BCR5KM Datasheet HTML 8Page - Renesas Technology Corp BCR5KM Datasheet HTML 9Page - Renesas Technology Corp BCR5KM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C
100
101
23 4 5
7
102
23 4 5
7
101
102
2
3
4
5
7
103
2
3
4
5
7
IFGT I
IRGT I
IRGT III
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
TYPICAL EXAMPLE
III QUADRANT
Tj = 125
°C
TYPICAL EXAMPLE
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE TRIGGER PULSE WIDTH (
µs)
I QUADRANT
6
Ω
6
Ω
6
Ω
6V
6V
6V
RG
RG
RG
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com