Electronic Components Datasheet Search
  English  ▼

X  

HA17385HPS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17385HPS
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17385HPS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17385HPS Datasheet HTML 5Page - Renesas Technology Corp HA17385HPS Datasheet HTML 6Page - Renesas Technology Corp HA17385HPS Datasheet HTML 7Page - Renesas Technology Corp HA17385HPS Datasheet HTML 8Page - Renesas Technology Corp HA17385HPS Datasheet HTML 9Page - Renesas Technology Corp HA17385HPS Datasheet HTML 10Page - Renesas Technology Corp HA17385HPS Datasheet HTML 11Page - Renesas Technology Corp HA17385HPS Datasheet HTML 12Page - Renesas Technology Corp HA17385HPS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
Rev.3.00 Jun 15, 2005 page 9 of 28
Electrical Characteristics (cont.)
(The condition is: Ta = 25
°C, VIN = 15 V, CT = 3300 pF, RT = 10 kΩ without notice)
• UVL Part
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Note
14.5
16.0
17.5
V
1
Threshold voltage for
high VIN level
VTH UVL
7.6
8.4
9.2
V
Turn-ON voltage
when VIN is rising
2
9.0
10.0
11.0
V
Minimum operating
1
Threshold voltage for
low VIN level
VTL UVL
6.8
7.6
8.4
V
voltage after turn-ON
2
5.0
6.0
7.0
V
1
VIN UVL hysteresis voltage
VHYS UVL
0.6
0.8
1.0
V
VHYS UVL = VTH UVL – VTL UVL
2
Vref UVL threshold voltage
VT Vref
4.3
4.7
Vref
V
Voltage is forced toVref
terminal
Notes: 1. For the HA17384S/H.
2. For the HA17385H.
• Total Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Note
Operating current
IIN
7.0
10.0
13.0
mA
CL = 1000 pF, VFB = VCS = 0 V
Standby current
ISTBY
120
170
230
µA
Current at start up
Current of latch
ILATCH
200
270
340
µA
VFB = 0 V after VFB = VOVP
1, 2
Power supply zener
voltage
VINZ
31
34
37
V
IIN + 2.5 mA
Overheat protection
starting temperature
TjTSD
–
160
–
°C
3, 4
Notes: 1. These values are not prescribe to the HA17384SPS/SRP because OVP function is not included.
2. VIN = 8.5 V in case of the HA17384H.
3. These values are not prescribe to the HA17384SPS/SRP because TSD function is not included.
4. Reference value for design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com