Electronic Components Datasheet Search
  English  ▼

X  

CR12AM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR12AM
Description  MITSUBISHI SEMICONDUCTOR THYRISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12AM Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR12AM Datasheet HTML 1Page - Renesas Technology Corp CR12AM Datasheet HTML 2Page - Renesas Technology Corp CR12AM Datasheet HTML 3Page - Renesas Technology Corp CR12AM Datasheet HTML 4Page - Renesas Technology Corp CR12AM Datasheet HTML 5Page - Renesas Technology Corp CR12AM Datasheet HTML 6Page - Renesas Technology Corp CR12AM Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR12AM
MEDIUM POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12AM
APPLICATION
Switching mode power supply, ECR, motor control
•IT (AV) ......................................................................... 12A
•VDRM ..............................................................400V/600V
•IGT ..........................................................................30mA
Unit
V
V
V
V
V
MAXIMUM RATINGS
Symbol
IT (RMS)
IT (AV)
ITSM
I2t
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
—
Parameter
RMS on-state current
Average on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine half wave, 180
° conduction, Tc=91°C
60Hz sine half wave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A
A2s
W
W
V
V
A
°C
°C
g
Ratings
18.8
12.0
360
544
5
0.5
6
10
2
–40 ~ +125
–40 ~ +125
2.0
Symbol
VRRM
VRSM
VR (DC)
VDRM
VD (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
DC off-state
Voltage class
8
400
500
320
400
320
12
600
720
480
600
480
TYPE
NAME
VOLTAGE
CLASS
10.5 MAX
4.5
2.5
2.5
0.8
1.0
φ3.6±0.2
1.3
0.5
2.6
23
1
4
∗
∗ Measurement point of
case temperature
OUTLINE DRAWING
Dimensions
in mm
TO-220
24
1
3
1
2
3
4
CATHODE
ANODE
GATE
ANODE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com