Electronic Components Datasheet Search
  English  ▼

X  

HA17458 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA17458
Description  Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17458 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA17458 Datasheet HTML 1Page - Renesas Technology Corp HA17458 Datasheet HTML 2Page - Renesas Technology Corp HA17458 Datasheet HTML 3Page - Renesas Technology Corp HA17458 Datasheet HTML 4Page - Renesas Technology Corp HA17458 Datasheet HTML 5Page - Renesas Technology Corp HA17458 Datasheet HTML 6Page - Renesas Technology Corp HA17458 Datasheet HTML 7Page - Renesas Technology Corp HA17458 Datasheet HTML 8Page - Renesas Technology Corp HA17458 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HA17458 Series
Rev.1.00 Jun 15, 2005 page 7 of 8
28
24
20
16
12
8
4
0
100
1k
10k
100k
500
5k
50k
500k
VCC = +15 V
VEE = −15 V
Ta = 25
°C
RL = 10 kΩ
Maximum Output Voltage Swing
vs. Frequency
Frequency f (Hz)
16
12
8
4
0
−4
−8
−12
−16
200
1k
10k
500
5k
VCC = +15 V
VEE = −15 V
Ta = 25
°C
Maximum Output Voltage Swing
vs. Load Resistance
Load Resistance RL (Ω)
Voltage Follower Large
Signal Pulse Response
10
0
−10
0
20406080
Time (
µs)
Output
Input
VCC = +15 V
VEE = −15 V
RL = 2 kΩ
CL = 100 pF
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com