Electronic Components Datasheet Search
  English  ▼

X  

HA17558 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA17558
Description  Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17558 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA17558 Datasheet HTML 1Page - Renesas Technology Corp HA17558 Datasheet HTML 2Page - Renesas Technology Corp HA17558 Datasheet HTML 3Page - Renesas Technology Corp HA17558 Datasheet HTML 4Page - Renesas Technology Corp HA17558 Datasheet HTML 5Page - Renesas Technology Corp HA17558 Datasheet HTML 6Page - Renesas Technology Corp HA17558 Datasheet HTML 7Page - Renesas Technology Corp HA17558 Datasheet HTML 8Page - Renesas Technology Corp HA17558 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HA17558 Series
Rev.1.00 Jun 15, 2005 page 3 of 12
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
Item
Symbol
HA17558
HA17558PS
HA17558F
HA17558FP
Unit
Supply voltage
VCC
+18
+18
+18
+18
V
VEE
–18
–18
–18
–18
V
Differential input voltage
VIN (diff)
±30
±30
±30
±30
V
Common-mode input voltage
VCM*
3
±15
±15
±15
±15
V
Power dissipation
PT
670*
1
670*
1
385*
2
385*
2
mW
Operating temperature
Topr
–20 to +75
–20 to +75
–20 to +75
–20 to +75
–20 to +75
Storage temperature
Tstg
–55 to +125
–55 to +125
–55 to +125
–55 to +125
°C
Notes: 1. These are the allowable values up to Ta = 45 °C. Derate by 8.3mW/°C above that temperature.
2. These are the allowable values up to Ta = 31 °C mounting on 30% wiring density glass epoxy board. Derate
by 7.14mW/°C above that temperature.
3. If the supply voltage is less than ±15V, input voltage should be less than supply voltage.
Electrical Characteristics
(Ta = 25°C, VCC = +15V, VEE = –15V)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input offset voltage
VIO
—
0.5
6
mV
RS ≤ 10k
Ω
Input offset current
IIO
—
5
200
nA
Input bias current
IIB
—
50
500
nA
Voltage gain
AVD
86
104
—
dB
RL
≥ 2kΩ, VO = ±10V
Maximum output voltage
Vop-p
±12
±14
—
V
RL
≥ 10kΩ
Maximum output voltage
Vop-p
±10
±12.4
—
V
RL
≥ 2kΩ
Common mode input voltage range
VCM
±12
±14
—
V
Common mode rejection ratio
CMR
70
100
—
dB
RS
≤ 10kΩ
Supply voltage rejection ratio
PSRR
—
10
150
µV/V
RS
≤ 10kΩ
Power dissipation
Pd
—
90
170
mW
2-channel, No load
Slew rate
SR
—
1.0
—
V/
µs
AVD = 1
Equivalent input noise voltage
VNI
—
6
—
µVp-p
RS = 1k
Ω, f = 1HZ to 1kHZ
Channel separation
CS
—
105
—
dB
f = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com