Electronic Components Datasheet Search
  English  ▼

X  

HA17558FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA17558FP
Description  Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17558FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA17558FP Datasheet HTML 1Page - Renesas Technology Corp HA17558FP Datasheet HTML 2Page - Renesas Technology Corp HA17558FP Datasheet HTML 3Page - Renesas Technology Corp HA17558FP Datasheet HTML 4Page - Renesas Technology Corp HA17558FP Datasheet HTML 5Page - Renesas Technology Corp HA17558FP Datasheet HTML 6Page - Renesas Technology Corp HA17558FP Datasheet HTML 7Page - Renesas Technology Corp HA17558FP Datasheet HTML 8Page - Renesas Technology Corp HA17558FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HA17558 Series
Rev.1.00 Jun 15, 2005 page 4 of 12
Characteristic Curves
120
100
80
60
40
20
0
Open Loop Voltage Gain vs. Frequency
1
10
100
1 k 10 k 100 k 1 M 10 M
Frequency f (Hz)
VCC = 15 V
VEE = –15 V
RL = 2 kΩ
36
Maximum Output Voltage vs. Frequency
100
Frequency f (Hz)
32
28
24
20
16
12
8
4
0
1 k
10 k
100 k
1 M
VCC = 15 V
VEE = –15 V
RL = 2 kΩ
120
Power Supply Rejection Ratio
vs. Ambient Temperature
–20
Ambient Temperature Ta (
°C)
110
100
90
80
70
0
204060
80
VCC = 15 V
VEE = –15 V
130
Voltage Gain vs. Ambient Temperature
–20
Ambient Temperature Ta (
°C)
120
110
100
90
80
020
40
60
80
VCC = 15 V
VEE = –15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com