Electronic Components Datasheet Search
  English  ▼

X  

M37212M4 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37212M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37212M4 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37212M4 Datasheet HTML 1Page - Renesas Technology Corp M37212M4 Datasheet HTML 2Page - Renesas Technology Corp M37212M4 Datasheet HTML 3Page - Renesas Technology Corp M37212M4 Datasheet HTML 4Page - Renesas Technology Corp M37212M4 Datasheet HTML 5Page - Renesas Technology Corp M37212M4 Datasheet HTML 6Page - Renesas Technology Corp M37212M4 Datasheet HTML 7Page - Renesas Technology Corp M37212M4 Datasheet HTML 8Page - Renesas Technology Corp M37212M4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
1. DESCRIPTION
The M37212M6-XXXSP/FP, M37212M4/M8-XXXSP are single-chip
microcomputers designed with CMOS silicon gate technology. They
have a OSD, I2C-BUS interface, and PWM, so it is useful for a chan-
nel selection system for TV.
The feature of the M37212EFSP/FP are similar to those of the
M37212M6-XXXSP/FP except that these chips have a built-in PROM
which can be written electrically. The differences between the
M37212M6-XXXSP/FP and M37212M4/M8-XXXSP are the ROM size
and the RAM size as shown below. Accordingly, the following de-
scriptions will be for M37212M6-XXXSP/FP unless otherwise noted.
2. FEATURES
q
Number of basic instructions ..................................................... 71
q
Memory size
ROM............... ......... 16K bytes (M37212M4-XXXSP)
24K bytes (M37212M6-XXXSP/FP)
32K bytes (M37212M8-XXXSP)
62K bytes (M37212EFSP/FP)
RAM ......................... 320 bytes (M37212M4-XXXSP)
384 bytes (M37212M6-XXXSP/FP)
576 bytes (M37212M8-XXXSP)
1280 bytes (M37212EFSP/FP)
(*ROM correction memory included)
q
The minimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
q
Power source voltage .................................................. 5 V
± 10 %
q
Subroutine nesting
maximum 96 levels (M37212M4/M8-XXXSP, M37212M6-XXXSP/FP)
maximum 128 levels (M37212EFSP/FP)
q
Interrupts ........................................................ 14 types, 14 vectors
q
8-bit timers ................................................................................... 4
q
Programmable I/O ports
(Ports P0, P10–P14, P2, P30, P31, P40, P41) ............................. 25
q
Input ports (Ports P15–P17, P32–P37, P42) ............................... 10
q
Output ports (Ports P52–P55, P60–P63) ....................................... 8
q
12 V withstand ports .................................................................. 12
q
LED drive ports ............................................................................ 4
q
Serial I/O ............................................................. 8-bit ! 1 channel
q
Multi-master I2C-BUS interface ............................... 1 (2 systems)
q
A-D comparator (6-bit resolution) ................................. 8 channels
q
PWM output circuit .......................................... 14-bit ! 1, 8-bit ! 8
q
Power dissipation .............................................................. 165 mW
(at 8 MHz oscillation frequency, VCC=5.5V, at OSD display)
q
ROM correction function ................................................. 2 vectors
Note: Only M37212M8-XXXSP and M37212EFSP/FP have ROM
correction function.
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
M37212M4/M8–XXXSP, M37212M6–XXXSP/FP
M37212EFSP/FP
MITSUBISHI MICROCOMPUTERS
Rev. 1.0
qOSD function
Display characters ................................... 24 characters ! 2 lines
(It is possible to display 3lines or more by software)
Kinds of characters ........................................................ 256 kinds
Character display area .............................................. 12 ! 16 dots
Kinds of character sizes ..................................................... 3 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position .............................................................................
Horizontal: 64 levels
Vertical: 128 levels
Attribute .............................................................................. border
3. APPLICATION
TV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com