Electronic Components Datasheet Search
  English  ▼

X  

M37270MF Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M37270MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270MF Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37270MF Datasheet HTML 35Page - Renesas Technology Corp M37270MF Datasheet HTML 36Page - Renesas Technology Corp M37270MF Datasheet HTML 37Page - Renesas Technology Corp M37270MF Datasheet HTML 38Page - Renesas Technology Corp M37270MF Datasheet HTML 39Page - Renesas Technology Corp M37270MF Datasheet HTML 40Page - Renesas Technology Corp M37270MF Datasheet HTML 41Page - Renesas Technology Corp M37270MF Datasheet HTML 42Page - Renesas Technology Corp M37270MF Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
38
Table 7. Set values of I2C clock control register and SCL
frequency
(4) I2C Control Register
The I2C control register (address 00F916) controls data communica-
tion format.
s Bits 0 to 2: Bit counter (BC0–BC2)
These bits decide the number of bits for the next 1-byte data to be
transmitted. An interrupt request signal occurs immediately after the
number of bits specified with these bits are transmitted.
When a START condition is received, these bits become “0002” and
the address data is always transmitted and received in 8 bits.
s Bit 3: I2C interface use enable bit (ES0)
This bit enables to use the multimaster I2C BUS interface. When this
bit is set to “0,” the use disable status is provided, so the SDA and
the SCL become high-impedance. When the bit is set to “1,” use of
the interface is enabled.
When ES0 = “0,” the following is performed.
•PIN = “1,” BB = “0” and AL = “0” are set (they are bits of the I2C
status register at address 00F816 ).
•Writing data to the I2C data shift register (address 00F616) is dis-
abled.
s Bit 4: Data format selection bit (ALS)
This bit decides whether or not to recognize slave addresses. When
this bit is set to “0,” the addressing format is selected, so that ad-
dress data is recognized. When a match is found between a slave
address and address data as a result of comparison or when a gen-
eral call (refer to “(5) I2C Status Register,” bit 1) is received, trans-
mission processing can be performed. When this bit is set to “1,” the
free data format is selected, so that slave addresses are not recog-
nized.
s Bit 5: Addressing format selection bit (10BIT SAD)
This bit selects a slave address specification format. When this bit is
set to “0,” the 7-bit addressing format is selected. In this case, only
the high-order 7 bits (slave address) of the I2C address register (ad-
dress 00F716) are compared with address data. When this bit is set
to “1,” the 10-bit addressing format is selected, all the bits of the I2C
address register are compared with address data.
s Bits 6 and 7: Connection control bits between I2C-BUS interface
and ports (BSEL0, BSEL1)
These bits controls the connection between SCL and ports or SDA
and ports (refer to Figure 39).
Fig. 38. Structure of I2C clock control register
ACK
ACK
BIT
FAST
MODE
CCR4 CCR3 CCR2 CCR1 CCR0
I2C clock control register
(S2 : address 00FA16)
70
SCL frequency
control bits
Refer to Table 7.
SCL mode
specification bit
0 : Standard clock
mode
1 : High-speed clock
mode
ACK bit
0 : ACK is returned.
1 : ACK is not returned.
ACK clock bit
0 : No ACK clock
1 : ACK clock
Setting value of
CCR4–CCR0
Standard clock
mode
Setting disabled
Setting disabled
Setting disabled
Setting disabled
Setting disabled
100
83.3
500/CCR value
17.2
16.6
16.1
High-speed clock
mode
Setting disabled
Setting disabled
Setting disabled
333
250
400(Note)
166
1000/CCR value
34.5
33.3
32.3
CCR4
0
0
0
0
0
0
0
1
1
1
CCR3
0
0
0
0
0
0
0
1
1
1
CCR2
0
0
0
0
1
1
1
1
1
1
CCR1
0
0
1
1
0
0
1
0
1
1
CCR0
0
1
0
1
0
1
0
1
0
1
Note: At 400 kHz in the high-speed clock mode, the duty is 40%.
In the other cases, the duty is 50%.
SCL frequency
(at
φ = 4MHz, unit : kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com