Electronic Components Datasheet Search
  English  ▼

X  

M37161EFFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37161EFFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37161EFFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37161EFFP Datasheet HTML 5Page - Renesas Technology Corp M37161EFFP Datasheet HTML 6Page - Renesas Technology Corp M37161EFFP Datasheet HTML 7Page - Renesas Technology Corp M37161EFFP Datasheet HTML 8Page - Renesas Technology Corp M37161EFFP Datasheet HTML 9Page - Renesas Technology Corp M37161EFFP Datasheet HTML 10Page - Renesas Technology Corp M37161EFFP Datasheet HTML 11Page - Renesas Technology Corp M37161EFFP Datasheet HTML 12Page - Renesas Technology Corp M37161EFFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
Rev.1.00
2003.11.25
page 9 of 128
M37161M8/MA/MF-XXXSP/FP,M37161EFSP/FP
Ports P1, P2, P30, P31
Data bus
Ports P00–P07
Data bus
Port latch
Direction register
Port latch
Direction register
Fig. 7.1 I/O Pin Block Diagram (1)
Notes 1 : Each port is also used as follows :
P10 : CLKCONT
P11 : SCL1
P12 : SCL2
P13 : SDA1
P14 : SDA2
P16 : AD8/TIM2
2: The output structure of ports P11–P14, P30–P31 is N-channel open-drain output when using as multi-master
I2C-BUS interface (it is the same with P00–P07).
3: The output structure of ports P20 and P21 is N-channel open-drain output when using as serial output (it is the
same as P00–P07).
P20 : SCLK/AD5
P21 : SOUT/AD6
P22 : SIN/AD7
P23 : TIM3
P24 : TIM2
P25 : INT3
P26 : XCIN
P27 : XCOUT
P30 : SDA3
P31 : SCL3
N-channel open-drain output
Ports P00–P07
Note : Each port is also used as follows :
P00 : DA/PWM0
P01–P04 : PWM1–PWM4
P05: AD3
P06: INT2/AD4
P07: INT1
CMOS output
Ports P1, P2, P30, P31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com