Electronic Components Datasheet Search
  English  ▼

X  

M37212EFFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37212EFFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37212EFFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37212EFFP Datasheet HTML 9Page - Renesas Technology Corp M37212EFFP Datasheet HTML 10Page - Renesas Technology Corp M37212EFFP Datasheet HTML 11Page - Renesas Technology Corp M37212EFFP Datasheet HTML 12Page - Renesas Technology Corp M37212EFFP Datasheet HTML 13Page - Renesas Technology Corp M37212EFFP Datasheet HTML 14Page - Renesas Technology Corp M37212EFFP Datasheet HTML 15Page - Renesas Technology Corp M37212EFFP Datasheet HTML 16Page - Renesas Technology Corp M37212EFFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
12
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
M37212M4/M8–XXXSP, M37212M6–XXXSP/FP
M37212EFSP/FP
MITSUBISHI MICROCOMPUTERS
Rev. 1.0
8. FUNCTIONAL DESCRIPTION
8.1 CENTRAL PROCESSING UNIT (CPU)
This microcomputer uses the standard 740 Family instruction set.
Refer to the table of 740 Family addressing modes and machine
instructions or the SERIES 740 <Software> User’s Manual for de-
tails on the instruction set.
Machine-resident 740 Family instructions are as follows:
The FST, SLW instruction cannot be used.
The MUL, DIV, WIT and STP instructions can be used.
8.1.1 CPU Mode Register
The CPU mode register contains the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated at address 00FB16.
Fig. 8.1.1 CPU Mode Register
b7b6b5 b4 b3 b2 b1 b0
B
After reset
RW
CPU Mode Register
0, 1
2
3 to 7
Indeterminate
Indeterminate
NameFunctions
Fix these bits to “1.”
1
Stack page selection
bit (CM2) (See note)
1
0: 0 page
1: 1 page
1
0
0
CPU mode register (CM) [Address 00FB16]
R W
RW
R W
Note: This bit is set to “1” after the reset release.
1
1
1
Fix these bits to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com