Electronic Components Datasheet Search
  English  ▼

X  

M37271EFSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37271EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271EFSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37271EFSP Datasheet HTML 17Page - Renesas Technology Corp M37271EFSP Datasheet HTML 18Page - Renesas Technology Corp M37271EFSP Datasheet HTML 19Page - Renesas Technology Corp M37271EFSP Datasheet HTML 20Page - Renesas Technology Corp M37271EFSP Datasheet HTML 21Page - Renesas Technology Corp M37271EFSP Datasheet HTML 22Page - Renesas Technology Corp M37271EFSP Datasheet HTML 23Page - Renesas Technology Corp M37271EFSP Datasheet HTML 24Page - Renesas Technology Corp M37271EFSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
20
SERIAL I/O
The M37271MF-XXXSP has a built-in serial I/O which can either trans-
mit or receive 8-bit data in serial in the clock synchronous mode.
The serial I/O block diagram is shown in Figure 12. The synchroniz-
ing clock I/O pin (SCLK), and data output pin (SOUT) also function as
port P4, data input pin (SIN) also functions as port P1.
Bit 2 of the serial I/O mode register (address 021316) selects whether
the synchronizing clock is supplied internally or externally (from the
P46/SCLK pin). When an internal clock is selected, bits 1 and 0 select
whether f(XIN) is divided by 8, 16, 32, or 64. To use P45/SOUT and
P46/SCLK pins for serial I/O, set the corresponding bits of the port P4
direction register (address 00C916) to “0.” To use P17/SIN pin for
serial I/O, set the corresponding bit of the port P1 direction register
(address 00C316) to “0.”
Fig. 12. Serial I/O block diagram
The operation of the serial I/O function is described below. The func-
tion of the serial I/O differs depending on the clock source; external
clock or internal clock.
8
Serial I/O shift register (8)
Data bus
Serial I/O
interrupt request
Selection gate: Connect to
black colored
side at reset.
Synchronization
circuit
Frequency divider
1/8
1/4
1/16
SM1
SM0
Serial I/O counter (8)
SM5 : LSB
MSB
S
SM2
1/2
XIN
P17/SIN
P45/SOUT
P46/SCLK
1/2
(Address 021416)
XCIN
1/2
CM7
1/2
Note : When the data is set in the serial I/O register (address 0214 16), the register functions as the serial I/O shift register.
(Note)
CM : CPU mode register
SM : Serial I/O mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com