Electronic Components Datasheet Search
  English  ▼

X  

M37274MA Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37274MA
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274MA Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37274MA Datasheet HTML 9Page - Renesas Technology Corp M37274MA Datasheet HTML 10Page - Renesas Technology Corp M37274MA Datasheet HTML 11Page - Renesas Technology Corp M37274MA Datasheet HTML 12Page - Renesas Technology Corp M37274MA Datasheet HTML 13Page - Renesas Technology Corp M37274MA Datasheet HTML 14Page - Renesas Technology Corp M37274MA Datasheet HTML 15Page - Renesas Technology Corp M37274MA Datasheet HTML 16Page - Renesas Technology Corp M37274MA Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
12
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 5. Memory Map of Special Function Register 1 (SFR1) (1)
sSFR1 area (addresses C016to DF16)
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CB16
CC16
CD16
CE16
CF16
CA16
Address
Port P5 (P5)
OSD control register (OC)
Horizontal position register (HP)
Block control register 1 (BC1)
Port P1 (P1)
Port P1 direction register (D1)
Port P3 (P3)
Port P3 direction register (D3)
Port P2 (P2)
Port P2 direction register (D2)
Register
Port P0 (P0)
Port P0 direction register (D0)
Block control register 2 (BC2)
Block control register 3 (BC3)
Block control register 4 (BC4)
Block control register 5 (BC5)
Block control register 6 (BC6)
Block control register 7 (BC7)
b7
b0
Bit allocation
State immediately after reset
?
0016
b7
b0
?
0016
?
0016
?
?
?
?
?
?
?
?
?
?
Port P4 (P4)
Port P4 direction register (D4)
OSD port control register (PF)
Port P6 (P6)
Block control register 8 (BC8)
Block control register 9 (BC9)
Block control register 10 (BC10)
Block control register 11 (BC11)
Block control register 12 (BC12)
R0
0
G
B
OUT1
OUT2
0
0?
0
0?
?
0
?
?
?
?
?
?
?
OC6
OC7
OC4
OC5
OC2
OC3
OC0
OC1
0016
BC11
BC12
BC13
BC14
BC15
BC16
BC17
BC18
BC21
BC22
BC23
BC24
BC25
BC26
BC27
BC28
BC31
BC32
BC33
BC34
BC35
BC36
BC37
BC38
BC41
BC42
BC43
BC44
BC45
BC46
BC47
BC48
BC51
BC52
BC53
BC54
BC55
BC56
BC57
BC58
BC61
BC62
BC63
BC64
BC65
BC66
BC67
BC68
BC71
BC72
BC73
BC74
BC75
BC76
BC77
BC78
BC81
BC82
BC83
BC84
BC85
BC86
BC87
BC88
BC91
BC92
BC93
BC94
BC95
BC96
BC97
BC98
BC101
BC102
BC103
BC104
BC105
BC106
BC107
BC108
BC111
BC112
BC113
BC114
BC115
BC116
BC117
BC118
BC121
BC122
BC123
BC124
BC125
BC126
BC127
BC128
HP6
HP7
HP4
HP5
HP2
HP3
HP0
HP1
0016
0
0
0016
?
0016
?
0016
?
Port P7 (P7)
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
State immediately after reset
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
T3SC
<
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com