Electronic Components Datasheet Search
  English  ▼

X  

M37273EFSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37273EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37273EFSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37273EFSP Datasheet HTML 17Page - Renesas Technology Corp M37273EFSP Datasheet HTML 18Page - Renesas Technology Corp M37273EFSP Datasheet HTML 19Page - Renesas Technology Corp M37273EFSP Datasheet HTML 20Page - Renesas Technology Corp M37273EFSP Datasheet HTML 21Page - Renesas Technology Corp M37273EFSP Datasheet HTML 22Page - Renesas Technology Corp M37273EFSP Datasheet HTML 23Page - Renesas Technology Corp M37273EFSP Datasheet HTML 24Page - Renesas Technology Corp M37273EFSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
20
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37273M8–XXXSP, M37273MF–XXXSP
M37273E8SP, M37273EFSP
MITSUBISHI MICROCOMPUTERS
Rev. 1.0
Fig. 8.3.2 Interrupt Request Register 1
Fig. 8.3.3 Interrupt Request Register 2
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 00FC16]
BNameFunctions
After reset RW
Interrupt Request Register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt
request bit
(TM1R)
1Timer 2 interrupt
request bit
(TM2R)
2Timer 3 interrupt
request bit
(TM3R)
3
Timer 4 interrupt
request bit
(TM4R)
4OSD interrupt request
bit
(OSDR)
5VSYNC interrupt
request bit
(VSCR)
6
INT3 external interrupt
request bit
(VSCR)
7
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
0
V
0
V
0
V
0
V
0
V
0
V
0
V
V: “0” can be set by software, but “1” cannot be set.
—
R
R
R
R
R
R
R
R
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
b7b6 b5 b4b3 b2 b1 b0
Interrupt request register 2 (IREQ2) [Address 00FD
BNameFunctions
After reset RW
Interrupt Request Register 2
0
INT1 external interrupt
request bit (INIR)
0 : No interrupt request issued
1 : Interrupt request issued
1
Data slicer interrupt
request bit (DSR)
2
Serial I/O interrupt
request bit (S1R)
3
4
INT2 external interrupt
request bit (IN2R)
5
7Fix this bit to “0.”
0
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
V: “0” can be set by software, but “1” cannot be set.
0
0
V
0
0
V
0
V
0
V
0 : No interrupt request issued
1 : Interrupt request issued
16
]
R
R
R
R V
R
R V
R W
f(XIN)/4096 interrupt
request bit (CKR)
0 : No interrupt request issued
1 : Interrupt request issued
Multi-master I2C-BUS
interrupt request bit (IICR)
0 : No interrupt request issued
1 : Interrupt request issued
6
Timer 5 • 6 interrupt
request bit (TM56R)
0 : No interrupt request issued
1 : Interrupt request issued
0
V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com