Electronic Components Datasheet Search
  English  ▼

X  

CT90AM-18 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CT90AM-18
Description  MITSUBISHI Nch IGBT INSULATED GATE BIPOLAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT90AM-18 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CT90AM-18 Datasheet HTML 1Page - Renesas Technology Corp CT90AM-18 Datasheet HTML 2Page - Renesas Technology Corp CT90AM-18 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI Nch IGBT
CT90AM-18
INSULATED GATE BIPOLAR TRANSISTOR
Sep. 2000
MITSUBISHI Nch IGBT
CT90AM-18
INSULATED GATE BIPOLAR TRANSISTOR
MAXIMUM RATINGS (Tc = 25
°C)
CT90AM-18
OUTLINE DRAWING
Dimensions in mm
TO-3PL
q VCES ............................................................................... 900V
q IC .........................................................................................60A
q Simple drive
q Integrated Fast-recovery diode
q Small tail loss
q Low VCE Saturation Voltage
20MAX.
5
2
2
1
0.5
4.0
φ3.2
5.45 5.45
3

ŒŽ
Œ GATE
 COLLECTOR
Ž EMITTER
 COLLECTOR

Œ
Ž
APPLICATION
Microwave oven, Electoromagnetic cooking devices, Rice-cookers
900
±25
±30
60
120
40
250
–40 ~ +150
–40 ~ +150
VGE = 0V
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current
Collector current (Pulsed)
Emitter current
Maximum power dissipation
Junction temperature
Storage temperature
V
V
V
A
A
A
W
°C
°C
VCES
VGES
VGEM
IC
ICM
IE
PC
Tj
Tstg
Symbol
Parameter
Conditions
Ratings
Unit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com