Electronic Components Datasheet Search
  English  ▼

X  

HVL375B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HVL375B
Description  Variable Capacitance Diode for VCO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL375B Datasheet(HTML) 4 Page - Renesas Technology Corp

  HVL375B Datasheet HTML 1Page - Renesas Technology Corp HVL375B Datasheet HTML 2Page - Renesas Technology Corp HVL375B Datasheet HTML 3Page - Renesas Technology Corp HVL375B Datasheet HTML 4Page - Renesas Technology Corp HVL375B Datasheet HTML 5Page - Renesas Technology Corp HVL375B Datasheet HTML 6Page - Renesas Technology Corp HVL375B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HVL375B
Rev.0, Dec. 2002, page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
I
R1
10
nA
V
R = 10 V
Reverse current
I
R2
100
V
R = 10 V, Ta = 60°C
C
1
15.0
16.5
pF
V
R = 1 V, f = 1 MHz
C
3
5.0
6.0
V
R = 3 V, f = 1 MHz
Capacitance
C
4
3.3
4.0
V
R = 4 V, f = 1 MHz
Capacitance ratio
n
4.0
C
1 / C4
Series resistance
r
s
1.1
Ω
V
R = 2 V, f = 470 MHz
Notes
: 1. Please do not use the soldering iron due to avoid high stress to the EFP package.
2. The material of lead is exposed for cutting plane. Therefore, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com