Electronic Components Datasheet Search
  English  ▼

X  

HVM14 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVM14
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM14 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVM14 Datasheet HTML 1Page - Renesas Technology Corp HVM14 Datasheet HTML 2Page - Renesas Technology Corp HVM14 Datasheet HTML 3Page - Renesas Technology Corp HVM14 Datasheet HTML 4Page - Renesas Technology Corp HVM14 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.4.00, Oct.08.2003, page 1 of 4
HVM14
Silicon Epitaxial Planar PIN Diode for High Frequency
Attenuator
REJ03G0112-0400Z
(Previous: ADE-208-082C)
Rev.4.00
Oct.08.2003
Features
• Low forward resistance. (r
f = 7.0 Ω max)
• Low capacitance. (C = 0.25 pF typ)
• MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Code
HVM14
H5
MPAK
Pin Arrangement
1. NC
2. Anode
3. Cathode
(Top View)
21
3


Similar Part No. - HVM14

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM14 RECTRON-HVM14 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM14 DCCOM-HVM14 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Leshan Radio Company
HVM14 LRC-HVM14 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
Chongqing Pingwei Enter...
HVM14 CHONGQING-HVM14 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results

Similar Description - HVM14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK HITACHI-HVM187WK Datasheet
28Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
1SV121 HITACHI-1SV121 Datasheet
22Kb / 3P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14S RENESAS-HVM14S Datasheet
70Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187S RENESAS-HVM187S Datasheet
68Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com