Electronic Components Datasheet Search
  English  ▼

X  

M5M5408BTP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M5M5408BTP
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5408BTP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M5M5408BTP Datasheet HTML 1Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 2Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 3Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 4Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 5Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 6Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 7Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 8Page - Renesas Technology Corp M5M5408BTP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M5M5408BFP/TP/RT
revision-2.0e, Feb.12, 2002
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DESCRIPTION
· Single +5V power supply
· Small stand-by current: 0.4µA(3V,ty p.)
· No clocks, No ref resh
· Data retention supply v oltage=2.0V to 5.5V
· All inputs and outputs are TTL compatible.
· Easy memory expansion by S#
· Common Data I/O
· Three-state outputs: OR-tie capability
· OE# prev ents data contention in the I/O bus
· Process technology: 0.25µm CMOS
· Package:
M5M5408BFP: 32 pin 525 mil SOP
M5M5408BTP/RT: 32 pin 400 mil TSOP(ll)
FEATURES
1
The M5M5408B is a f amily of 4-Mbit static RAMs organized
as 524,288-words by 8-bit, f abricated by
Mitsubishi's high-
perf ormance 0.25µm CMOS technology.
The M5M5408B is suitable f or memory applications where a
simple interf acing , battery operating and battery backup are
the important design objectiv es.
M5M5408B is packaged in 32-pin plastic SOP, 32-pin plastic
TSOP. Two ty pes of
TSOPs are av ailable, M5M5408BTP
(normal-lead-bend TSOP) , M5M5408BRT (rev erse-lead-bend
TSOP). These two ty pes TSOPs are suitable f or a surf ace
mounting on double-sided printed circuit boards.
From the point of operating temperature, the f amily is
div ided into two v ersions; "Standard" and "I -v ersion". Those are
PART NAME TABLE
*Ty pical v alues are sampled, and are not 100% tested.
M5M5408B## -55H
Standard
0 ~ +70°C
Version,
Part name
(## stands f or
"FP","TP",and "RT")
Power
Supply
Access
time
max.
25°C
Stand-by c urrent Icc(PD), Vcc=3.0V
55ns
5.0V
0.4µA
15µA
typical *
70ns
I-v ersion
-40 ~ +85°C
Active
current
Icc1
(5.0V, ty p.*)
50mA
(10MHz)
25mA
(1MHz)
Limit s (max.)
Operating
temperature
M5M5408B## -70H
5.0V
55ns
70ns
M5M5408B## -55HI
0.4µA
30µA
M5M5408B## -70HI
70°C
85°C
---
PIN CONFIGURATION (TOP VIEW)
Outline
32P3Y-J (RT)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A9
OE#
S#
A13
A8
A15
DQ6
DQ5
DQ4
DQ8
DQ7
A11
W#
VCC
A10
Outline 32P2M-A (FP)
32P3Y-H (TP)
GND
DQ3
DQ2
DQ1
A12
A14
A16
A18
A6
A2
A3
A5
A1
A0
A7
A4
A17
A9
OE#
S#
A13
A8
A15
DQ6
DQ5
DQ4
DQ8
DQ7
A11
W#
VCC
A10
A17
GND
DQ3
DQ2
DQ1
A12
A14
A16
A18
A6
A2
A3
A5
A1
A0
A7
A4
A0 ~ A18
DQ1 ~ DQ8
S# ( S )
W# ( W )
OE# (OE)
Vcc
GND
Address input
Data input / output
Chip select input
Write control input
Output inable input
Power supply
Ground supply
Pin
Function
25°C
1µA
1µA
15µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com