Electronic Components Datasheet Search
  English  ▼

X  

APW7080 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7080
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7080 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7080 Datasheet HTML 2Page - Anpec Electronics Coropration APW7080 Datasheet HTML 3Page - Anpec Electronics Coropration APW7080 Datasheet HTML 4Page - Anpec Electronics Coropration APW7080 Datasheet HTML 5Page - Anpec Electronics Coropration APW7080 Datasheet HTML 6Page - Anpec Electronics Coropration APW7080 Datasheet HTML 7Page - Anpec Electronics Coropration APW7080 Datasheet HTML 8Page - Anpec Electronics Coropration APW7080 Datasheet HTML 9Page - Anpec Electronics Coropration APW7080 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2008
APW7080
www.anpec.com.tw
6
Typical Operating Characteristics
Junction Temperature, T
J (
oC)
Reference Voltage vs. Junction Temperature
Junction Temperature, T
J (
oC)
Switching Frequency vs. Junction Temperature
Supply Voltage, V
IN (V)
Output Voltage vs. Supply Voltage
Output Current, I
OUT (A)
Output Voltage vs. Output Current
Junction Temperature, T
J (
oC)
Current-Limit Level (Peak Current)
vs. Junction Temperature
VIN Supply Voltage, V
IN (V)
VIN Input Current vs. Supply Voltage
340
350
360
370
380
390
400
410
420
-50
-25
0
25
50
75
100
125
150
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
4
6
8
10 12 14 16 18 20 22 24 26
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
4
8
12
16
20
24
28
I
OUT = 1A
I
OUT = 1A
V
FB=0.85V
V
FB=0.85V
0.784
0.788
0.792
0.796
0.800
0.804
0.808
0.812
0.816
-50
-25
0
25
50
75
100
125
150
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
IN = 12V
V
IN = 12V
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-50
-25
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com