Electronic Components Datasheet Search
  English  ▼

X  

APW7136C Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7136C
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136C Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7136C Datasheet HTML 1Page - Anpec Electronics Coropration APW7136C Datasheet HTML 2Page - Anpec Electronics Coropration APW7136C Datasheet HTML 3Page - Anpec Electronics Coropration APW7136C Datasheet HTML 4Page - Anpec Electronics Coropration APW7136C Datasheet HTML 5Page - Anpec Electronics Coropration APW7136C Datasheet HTML 6Page - Anpec Electronics Coropration APW7136C Datasheet HTML 7Page - Anpec Electronics Coropration APW7136C Datasheet HTML 8Page - Anpec Electronics Coropration APW7136C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
The APW 7136A/B/C also integrates under-voltage
lockout, over-temperature protection and current limit
circuits. The APW7136/A/B/C is available in a SOT-23-6
package.
Features
•
Wide Input Voltage from 2.7V to 6V
•
0.25V Reference Voltage
•
Fixed 1MHz Switching Frequency
•
High Efficiency up to 87%
•
100Hz to 100KHz PWM brightness control fre-
quency
•
Open-LED Protection
•
Under Voltage Lockout Protection
•
Over Temperature Protection
•
<1
µA Quiescent Current during Shutdown
•
SOT-23-6 Package
•
Lead Free Available (RoHS Compliant)
Applications
General Description
•
White LED Display Backlighting
•
Cell Phone and Smart Phone
•
PDA, PMP, MP3
•
Digital Camera
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully
compliant with RoHS and compatible with both SnPb and lead-free soldering operations. ANPEC lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
Pin Configuration
4 EN
6 VIN
GND 2
5 OVP
FB 3
LX 1
SOT-23-6 Top View
The APW7136A/B/C is a current-mode and fixed frequency
boost converter with an integrated N-FET to drive up to 8
white LEDs in series.
The series connection allows the LED current to be iden-
tical for uniform brightness. Its low on-resistance of N-
FET and feedback voltage reduce power loss and achieves
high efficiency. Fast 1MHz current-mode PWM operation
is available for input and output capacitors and a small
inductor while minimizing ripple on the input supply. The
OVP pin monitors the output voltage and stop switching if
exceeds the over-voltage threshold. An internal soft-start
circuit eliminates the inrush current during start-up.
GND
VIN
V
OUT
EN
LX
FB
OVP
4
6
5
3
2
1
L1
22
µH
C2
1
µF
C1
4.7
µF
R1
12
Ω
V
IN
Up to 8
WLEDs
OFF ON
APW7136YCI :
Y - OVP Voltage Code
X - Date Code
OVP Voltage Code
A: 20V
B: 28V
C: 35V
Package Code
C : SOT-23-6
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
CFYX
APW7136
Handling Code
Temperature Range
Package Code
Lead Free Code
OVP Voltage Code


Similar Part No. - APW7136C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7136C ANPEC-APW7136C Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCI-TRG ANPEC-APW7136CCI-TRG Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCITRG ANPEC-APW7136CCITRG Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results

Similar Description - APW7136C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com