Electronic Components Datasheet Search
  English  ▼

X  

M61528FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61528FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61528FP Datasheet HTML 3Page - Renesas Technology Corp M61528FP Datasheet HTML 4Page - Renesas Technology Corp M61528FP Datasheet HTML 5Page - Renesas Technology Corp M61528FP Datasheet HTML 6Page - Renesas Technology Corp M61528FP Datasheet HTML 7Page - Renesas Technology Corp M61528FP Datasheet HTML 8Page - Renesas Technology Corp M61528FP Datasheet HTML 9Page - Renesas Technology Corp M61528FP Datasheet HTML 10Page - Renesas Technology Corp M61528FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
M61528FP
Rev.1.1, Dec.17.2003, page 7 of 30
Fixed Equalizer Frequency Characteristic
(1) Frequency characteristics of Low (This characteristics is a simulation result.)
• Gain control : 0dB to –8dB / 0.5dB (f0=120Hz, Q=2.0 setting)
(FRONT and REAR are the same characteristics.)
• Center frequency : 120Hz / 150Hz / 200Hz / 300Hz (Gv=-8dB, Q=2.0 setting)
(FRONT and REAR are the same characteristics.)
• Quality factor
FRONT characteristics : 1.5 / 2.0 / 2.5 / 3.0 (Gv=-8dB, f0=120Hz setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com