Electronic Components Datasheet Search
  English  ▼

X  

M61532FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61532FP
Description  8ch Electronic Volume with 9 Input Selector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61532FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61532FP Datasheet HTML 1Page - Renesas Technology Corp M61532FP Datasheet HTML 2Page - Renesas Technology Corp M61532FP Datasheet HTML 3Page - Renesas Technology Corp M61532FP Datasheet HTML 4Page - Renesas Technology Corp M61532FP Datasheet HTML 5Page - Renesas Technology Corp M61532FP Datasheet HTML 6Page - Renesas Technology Corp M61532FP Datasheet HTML 7Page - Renesas Technology Corp M61532FP Datasheet HTML 8Page - Renesas Technology Corp M61532FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
M61532FP
Rev.1.0, Sep.19.2003, page 3 of 14
Pin Description
PIN No.
Name
Function
2,80,78,76,74,72,70,68,66,
INL1,2,3,4,5,6,7,8,9
Input pin of L channel (Input Selector)
1,79,77,75,73,71,69,67,65
INR1,2,3,4,5,6,7,8,9
Input pin of R channel (Input Selector)
3,8,23,25,50,59,64
GND1,2,3,4,5,6,7,
Analog Ground
63,4,62,5
REC L1/L2/R1/R2
Output pin of REC L/R
6
ALOUT
Output pin of L channel for ADC(Single ended)
7
AROUT
Output pin of R channel for ADC(Single ended)
9
RIN2
Input pin of R channel
10
LIN2
Input pin of L channel
11
SWIN2
Input pin of SW channel
12
CIN2
Input pin of C channel
13
SLIN2
Input pin of SL channel
14
SRIN2
Input pin of SR channel
15
SBLIN2
Input pin of SBL channel
16
SBRIN2
Input pin of SBR channel
17
DGND
Ground of internal logic circuit
18
DATA
Input pin of Control Data
19
LATCH
Input pin of Control Trigger
20
CLOCK
Input pin of Control Clock
21
DVDD
Power supply to internal logic circuit
22
AVCC
Positive power supply to internal analog circuit
24
AVEE
Negative power supply to internal analog circuit
26
SBLSELOUT
Output pin of SBL channel volume input selector
27
SBLVIN
Input pin of SBL channel volume
28
SBLOUT
Output pin of SBL channel
29
SBROUT
Output pin of SBR channel
30
SBRVIN
Input pin of SBR channel volume
31
SBRSELOUT
Output pin of SBR channel volume input selector
32
SWSELOUT
Output pin of SW channel volume input selector
33
SWVIN
Input pin of SW channel volume
34
SWOUT
Output pin of SW channel
35
COUT
Output pin of C channel
36
CVIN
Input pin of C channel volume
37
CSELOUT
Output pin of C channel volume input selector
38
SLSELOUT
Output pin of SL channel volume input selector
39
SLVIN
Input pin of SL channel volume
40
SLOUT
Output pin of SL channel
41
SROUT
Output pin of SR channel
42
SRVIN
Input pin of SR channel volume
43
SRSELOUT
Output pin of SR channel volume input selector
44
LSELOUT
Output pin of L channel volume input selector
45
LVIN
Input pin of L channel volume
46
LOUT
Output pin of L channel
47
ROUT
Output pin of R channel
48
RVIN
Input pin of R channel volume
49
RSELOUT
Output pin of R channel volume input selector
51
SBRIN1
Input pin of SBR channel
52
SBLIN1
Input pin of SBL channel
53
SRIN1
Input pin of SR channel
54
SLIN1
Input pin of SL channel
55
CIN1
Input pin of C channel
56
SWIN1
Input pin of SW channel
57
LIN1
Input pin of L channel
58
RIN1
Input pin of R channel
60
SUBOUTR
Sub Output pin of R channel
61
SUBOUTL
Sub Output pin of L channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com