Electronic Components Datasheet Search
  English  ▼

X  

W45NM50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # W45NM50
Description  N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W45NM50 Datasheet(HTML) 2 Page - STMicroelectronics

  W45NM50 Datasheet HTML 1Page - STMicroelectronics W45NM50 Datasheet HTML 2Page - STMicroelectronics W45NM50 Datasheet HTML 3Page - STMicroelectronics W45NM50 Datasheet HTML 4Page - STMicroelectronics W45NM50 Datasheet HTML 5Page - STMicroelectronics W45NM50 Datasheet HTML 6Page - STMicroelectronics W45NM50 Datasheet HTML 7Page - STMicroelectronics W45NM50 Datasheet HTML 8Page - STMicroelectronics W45NM50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STW45NM50
2/9
Table 3: Absolute Maximum ratings
(*)Pulse width limited by safe operating area
(1)ISD ≤45A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Symbol
Parameter
Value
Unit
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
45
A
ID
Drain Current (continuous) at TC = 100°C
28.4
A
IDM (*)
Drain Current (pulsed)
180
A
PTOT
Total Dissipation at TC = 25°C
417
W
Derating Factor
2.08
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
Rthj-case
Thermal Resistance Junction-case
Max
0.3
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
30
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
20
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 35 V)
810
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
500
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
10
µA
VDS = Max Rating, TC = 125 °C
100
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ±30 V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
34
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V, ID = 22.5 A
0.08
0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com