Electronic Components Datasheet Search
  English  ▼

X  

M62420SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62420SP
Description  2ch Electronic Volume with Tone by I2C Bus System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62420SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62420SP Datasheet HTML 1Page - Renesas Technology Corp M62420SP Datasheet HTML 2Page - Renesas Technology Corp M62420SP Datasheet HTML 3Page - Renesas Technology Corp M62420SP Datasheet HTML 4Page - Renesas Technology Corp M62420SP Datasheet HTML 5Page - Renesas Technology Corp M62420SP Datasheet HTML 6Page - Renesas Technology Corp M62420SP Datasheet HTML 7Page - Renesas Technology Corp M62420SP Datasheet HTML 8Page - Renesas Technology Corp M62420SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M62420SP/ FP/ AFP
Rev.1.0, Sep.17.2003, page 2 of 16
Block diagram and Pin Configuration
5
678
9
10
11
12
13
14
15
16
17
18
19
20
1
23
4
ref
ref
TONE
AMP1
VOLAMP1
VR1
6.5K
S1 S3S5 S7
VR3
VR5
136K
ref
1.8K
SIMAMP1
ref
TONE
AMP2
VOLAMP2
VR2
S2 S4 S6 S8
VR6
VR4
136K
ref
1.8K
SIMAMP2
6.5K
6.5K
6.5K
I C BUS
INTER
FACE
2
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com