Electronic Components Datasheet Search
  English  ▼

X  

W45NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # W45NM60
Description  N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmes TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W45NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  W45NM60 Datasheet HTML 1Page - STMicroelectronics W45NM60 Datasheet HTML 2Page - STMicroelectronics W45NM60 Datasheet HTML 3Page - STMicroelectronics W45NM60 Datasheet HTML 4Page - STMicroelectronics W45NM60 Datasheet HTML 5Page - STMicroelectronics W45NM60 Datasheet HTML 6Page - STMicroelectronics W45NM60 Datasheet HTML 7Page - STMicroelectronics W45NM60 Datasheet HTML 8Page - STMicroelectronics W45NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2006
Rev 7
1/12
12
STW45NM60
N-channel 650V@Tjmax - 0.09
Ω - 45A - TO-247
MDmesh™ Power MOSFET
General features
■ High dv/dt and avalanche capabilities
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Tight process control and high manufacturing
yields
Description
The MDmesh™ is a new revolutionary Power
MOSFET technology that associates the multiple
drain process with the Company’s PowerMESH™
horizontal layout. The resulting product has an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the Company’s proprietary strip
technique yields overall dynamic performance
that is significantly better than that of similar
competitor’s products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STW45NM60
650V
< 0.11
Ω
45A
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STW45NM60
W45NM60
TO-247
Tube


Similar Part No. - W45NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W45NM50 STMICROELECTRONICS-W45NM50 Datasheet
244Kb / 9P
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
Mar-2005
More results

Similar Description - W45NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
Mar-2005
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
26-Jul-2005
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
19-Feb-2007
STGW35NB60SD STMICROELECTRONICS-STGW35NB60SD Datasheet
242Kb / 13P
N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
16-Nov-2005
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
28-Jul-2006
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET™ Power MOSFET
31-Jan-2007
STGW50NC60W STMICROELECTRONICS-STGW50NC60W Datasheet
289Kb / 14P
N-channel 600V - 55A - TO-247
24-Aug-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com