Electronic Components Datasheet Search
  English  ▼

X  

STW50NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW50NB20
Description  N - CHANNEL 200V - 0.047ohm - 50A - TO-247 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW50NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STW50NB20 Datasheet HTML 1Page - STMicroelectronics STW50NB20 Datasheet HTML 2Page - STMicroelectronics STW50NB20 Datasheet HTML 3Page - STMicroelectronics STW50NB20 Datasheet HTML 4Page - STMicroelectronics STW50NB20 Datasheet HTML 5Page - STMicroelectronics STW50NB20 Datasheet HTML 6Page - STMicroelectronics STW50NB20 Datasheet HTML 7Page - STMicroelectronics STW50NB20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW50NB20
N - CHANNEL 200V - 0.047
Ω - 50A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.047
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using
the
latest
high
voltage
technology,
STMicroelectronics has designed an advanced
family
of
power
Mosfets
with
outstanding
performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and
dv/dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
1
2
3
TO-247
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
200
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
200
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC50
A
ID
Drain Current (continuous) at Tc = 100
oC32
A
IDM(
•)
Drain Current (pulsed)
200
A
Ptot
T otal Dissipat ion at Tc =25
oC280
W
Derating F act or
2.24
W /
o C
dv/dt( 1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. O perating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 50 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 50NB20
200 V
< 0. 055
Ω
50 A
1/8


Similar Part No. - STW50NB20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW50NB20 ISC-STW50NB20 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW50NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP250 STMICROELECTRONICS-IRFP250 Datasheet
255Kb / 8P
N-CHANNEL 200V - 0.073ohm - 33A TO-247 PowerMesh II MOSFET
Sep-2000
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH™ IGBT
Aug-2003
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
N-CHANNEL 50A - 600V - TO-247 PowerMESH™ IGBT
May-2003
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW34NB20 STMICROELECTRONICS-STW34NB20_04 Datasheet
232Kb / 10P
N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET
14-Apr-2004
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
14-Jul-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com