Electronic Components Datasheet Search
  English  ▼

X  

STW5NA100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5NA100
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5NA100 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5NA100 Datasheet HTML 1Page - STMicroelectronics STW5NA100 Datasheet HTML 2Page - STMicroelectronics STW5NA100 Datasheet HTML 3Page - STMicroelectronics STW5NA100 Datasheet HTML 4Page - STMicroelectronics STW5NA100 Datasheet HTML 5Page - STMicroelectronics STW5NA100 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STW5NA100
STH5NA100FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
PRELIMINARY DATA
s
TYPICAL RDS(on) = 2.9
Ω
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
GATE CHARGE MINIMISED
s
REDUCED THRESHOLD VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STW5NA100
STH5NA100FI
VDS
Drain-source Voltage (VGS = 0)
1000
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
1000
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC
4.6
2.9
A
ID
Drain Current (continuous) at Tc = 100
oC
2.9
1.8
A
IDM(
•)
Drain Current (pulsed)
18.4
18.4
A
Ptot
Total Dissipation at Tc = 25
oC
150
60
W
Derating Factor
1.2
0.48
W/
oC
VISO
Insulation Withstand Voltage (DC)
4000
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW5NA100
STH5NA100FI
1000 V
1000 V
< 3.5
Ω
< 3.5
Ω
4.6 A
2.9 A
October 1997
TO-247
ISOWATT218
1
2
3
1
2
3
1/6


Similar Part No. - STW5NA100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW5NA100 ISC-STW5NA100 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW5NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP364 STMICROELECTRONICS-SGSP364 Datasheet
166Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com