Electronic Components Datasheet Search
  English  ▼

X  

M66515FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M66515FP
Description  Laser Diode Driver/Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66515FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M66515FP Datasheet HTML 1Page - Renesas Technology Corp M66515FP Datasheet HTML 2Page - Renesas Technology Corp M66515FP Datasheet HTML 3Page - Renesas Technology Corp M66515FP Datasheet HTML 4Page - Renesas Technology Corp M66515FP Datasheet HTML 5Page - Renesas Technology Corp M66515FP Datasheet HTML 6Page - Renesas Technology Corp M66515FP Datasheet HTML 7Page - Renesas Technology Corp M66515FP Datasheet HTML 8Page - Renesas Technology Corp M66515FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M66515FP
Rev.1.00, Sep.22.2003, page 2 of 11
Pin Configuration (top view)
Description of Pin
Pin name
Name
Function
LD
Laser current output
Connected to the semiconductor LD cathode
PD
Monitor diode input
Connected to the monitor PD anode
RS
Switching current setting load
output
Connects the load resistance to set the current for switching (ISW) to GND
RB
Bias current setting load
output
Connects the load resistance to set the bias current (IB) to GND. If IB is not
used, this pin should be left open.
VB
Bias current setting voltage
input
The bias current value (IB) can be set by applying a voltage to this pin. If IB
is not used, this pin should be left open.
DATA
Switching data input
At "L", the current ISW+IB flows to the LD; at "H", the current to the LD is IB
1RM, 2RM
Load input for monitoring
Connect a load resistance to convert the monitor PD current to a voltage
across 1RM and 2RM
ENB
Laser current enable input
When "H", all current source circuits are turned off
RO
Laser current load output
Connect a laser current load resistance between this pin and VCC
S/H
Sample hold control input
When "L", sample (APC) operation is performed; when "H", hold
(switching) is performed
CH
Hold capacitor load
input/output
Connect a hold capacitor between this pin and GND. This pin is connected
within the M66515 to the sample hold circuit output and ISW current source
input.
Vref
Reference voltage output
Output pin for the M66515 internal reference voltage (1.2 V typ)
Vr
Reference voltage input
A reference voltage is applied to cause operation of the comparator within
the sample hold circuit. When using the reference voltage within the
M66515, this pin should be connected to the Vref pin.
TEST
Test pin
Pin used for testing at time of shipment of the M66515; should be left open
VCC1
Power supply pin 1
Power supply for the internal analog system; connect to a positive power
supply (+5 V)
VCC2
Power supply pin 2
Power supply for the internal digital system; connect to a positive power
supply (+5 V)
GND1
GND pin 1
GND for internal analog system
GND2
GND pin 2
GND for internal digital system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com