Electronic Components Datasheet Search
  English  ▼

X  

BIC702C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BIC702C
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button BIC702C Datasheet HTML 3Page - Renesas Technology Corp BIC702C Datasheet HTML 4Page - Renesas Technology Corp BIC702C Datasheet HTML 5Page - Renesas Technology Corp BIC702C Datasheet HTML 6Page - Renesas Technology Corp BIC702C Datasheet HTML 7Page - Renesas Technology Corp BIC702C Datasheet HTML 8Page - Renesas Technology Corp BIC702C Datasheet HTML 9Page - Renesas Technology Corp BIC702C Datasheet HTML 10Page - Renesas Technology Corp BIC702C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BIC702C
5
200
150
100
50
0
50
100
150
200
30
25
20
15
10
5
0
1
23
4
V
= 5 V
V
= open
f = 200 MHz
DS
G1
30
25
20
15
10
5
0
1
23
4
5
4
3
2
1
0
1
23
4
V
= 5 V
V
= open
f = 200 MHz
DS
G1
V
= 5 V
V
= open
f = 900 MHz
DS
G1
Maximum Channel Power
Dissipation Curve
Ambient Temperature
Ta (
°C)
Power Gain vs.
Gate2 to Source Voltage
Gate2 to Source Voltage V
(V)
G2S
Gate2 to Source Voltage V
(V)
G2S
Power Gain vs.
Gate2 to Source Voltage
Gate2 to Source Voltage V
(V)
G2S
Noise Figure vs.
Gate2 to Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com