Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 116Page - Renesas Technology Corp R8C2C Datasheet HTML 117Page - Renesas Technology Corp R8C2C Datasheet HTML 118Page - Renesas Technology Corp R8C2C Datasheet HTML 119Page - Renesas Technology Corp R8C2C Datasheet HTML 120Page - Renesas Technology Corp R8C2C Datasheet HTML 121Page - Renesas Technology Corp R8C2C Datasheet HTML 122Page - Renesas Technology Corp R8C2C Datasheet HTML 123Page - Renesas Technology Corp R8C2C Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 615 page
background image
R8C/2C Group, R8C/2D Group
10. Clock Generation Circuit
Rev.2.00
Dec 05, 2007
Page 99 of 585
REJ09B0339-0200
Figure 10.3
CM0 Register
System Clock Control Register 0(1)
Symbol
Address
After Reset
CM0
0006h
01101000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
b7 b6 b5 b4 b3 b2 b1 b0
00
—
(b1-b0)
Reserved bits
Set to 0.
RW
CM02
WAIT peripheral function clock
stop bit
0 : Peripheral function clock does not stop
in w ait mode
1 : Peripheral function clock stops in w ait
mode
RW
CM03
XCIN-XCOUT drive capacity
select bit(9)
0 : Low
1 : High
RW
CM04
Port, XCIN-XCOUT sw itch bit(6)
0 : I/O port P4_3, P4_4
1 : XCIN-XCOUT pin(7)
RW
CM05
XIN clock (XIN-XOUT)
stop bit(2, 4)
0 : XIN clock oscillates
1 : XIN clock stops(3)
RW
CM06
System clock division select bit
0(5)
0 : CM16, CM17 enabled
1 : Divide-by-8 mode
RW
CM07
CPU clock select bit(8)
0 : System clock
1 : XCIN clock
RW
When entering stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM0 register.
The CM05 bit stops the XIN clock w hen the high-speed on-chip oscillator mode, low -speed on-chip oscillator mode is
selected. Do not use this bit to detect w hether the XIN clock is stopped. To stop the XIN clock, set the bits in the
follow ing order:
(a) Set bits OCD1 to OCD0 in the OCD register to 00b.
(b) Set the OCD2 bit to 1 (selects on-chip oscillator clock).
During external clock input, only the clock oscillation buffer is turned off and clock input is acknow ledged.
When the CM05 bit is set to 1 (XIN clock stopped) and the CM13 bit in the CM1 register is set to 0 (P4_6, P4_7), P4_6
and P4_7 can be used as input ports.
The MCU enters stop mode, the CM03 bit is set to 1 (high). Rew rite the CM03 bit w hile the XCIN clock oscillation
stabilizes.
The CM04 bit can be set to 1 by a program but cannot be set to 0.
To use the XCIN clock, set the CM04 bit to 1. Also, set ports P4_3 and P4_4 as input ports w ithout pull-up.
Set the CM07 bit to 1 from 0 (XCIN clock) after setting the CM04 bit to 1 (XCIN-XCOUT pin) and allow ing XCIN clock
oscillation to stabilize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com