Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 112Page - Renesas Technology Corp R8C2C Datasheet HTML 113Page - Renesas Technology Corp R8C2C Datasheet HTML 114Page - Renesas Technology Corp R8C2C Datasheet HTML 115Page - Renesas Technology Corp R8C2C Datasheet HTML 116Page - Renesas Technology Corp R8C2C Datasheet HTML 117Page - Renesas Technology Corp R8C2C Datasheet HTML 118Page - Renesas Technology Corp R8C2C Datasheet HTML 119Page - Renesas Technology Corp R8C2C Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 615 page
background image
R8C/2C Group, R8C/2D Group
9. Bus
Rev.2.00
Dec 05, 2007
Page 95 of 585
REJ09B0339-0200
Table 9.4
Access Units and Bus Operations of SFR (address 0200h to 02FFh)
However, only following SFRs are connected with the 16-bit bus:
Timer RC: registers TRC, TRCGRA, TRCGRB, TRCGRC, and TRCGRD
Timer RD: registers TRDi (i = 0,1), TRDGRAi, TRDGRBi, TRDGRCi, and TRDGRDi
Therefore, they are accessed once in 16-bit units. The bus operation is the same as “Area: SFR, data flash, even address
byte access” in Table 9.3 Access Units and Bus Operations, and 16-bit data is accessed at a time.
SFR (address 0200h to 02FFh)
CPU clock
Data
Data
Even
Address
CPU clock
Data
Address
CPU clock
Data
Address
CPU clock
Data
Address
Data
Odd
Odd
Data
Odd + 1
Data
Even
Data
Even + 1
Data
Area
Even address
Byte access
Odd address
Byte access
Even address
Word access
Odd address
Word access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com