Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 109Page - Renesas Technology Corp R8C2C Datasheet HTML 110Page - Renesas Technology Corp R8C2C Datasheet HTML 111Page - Renesas Technology Corp R8C2C Datasheet HTML 112Page - Renesas Technology Corp R8C2C Datasheet HTML 113Page - Renesas Technology Corp R8C2C Datasheet HTML 114Page - Renesas Technology Corp R8C2C Datasheet HTML 115Page - Renesas Technology Corp R8C2C Datasheet HTML 116Page - Renesas Technology Corp R8C2C Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 615 page
background image
R8C/2C Group, R8C/2D Group
7. Programmable I/O Ports
Rev.2.00
Dec 05, 2007
Page 92 of 585
REJ09B0339-0200
7.5
Unassigned Pin Handling
Table 7.82 lists Unassigned Pin Handling.
NOTES:
1. If these ports are set to output mode and left open, they remain in input mode until they are switched
to output mode by a program. The voltage level of these pins may be undefined and the power
current may increase while the ports remain in input mode.
The content of the direction registers may change due to noise or program runaway caused by
noise. In order to enhance program reliability, the program should periodically repeat the setting of
the direction registers.
2. Connect these unassigned pins to the MCU using the shortest wire length (2 cm or less) possible.
3. When the power-on reset function is in use.
Figure 7.18
Unassigned Pin Handling
Table 7.82
Unassigned Pin Handling
Pin Name
Connection
Ports P0 to P3, P4_3 to P4_5,
P5 to P8, P9_0 to P9_3
• After setting to input mode, connect each pin to VSS via a resistor
(pull-down) or connect each pin to VCC via a resistor (pull-up).(2)
• After setting to output mode, leave these pins open.(1,2)
Ports P4_6, P4_7
Connect to VCC via a pull-up resistor(2)
VREF
Connect to VCC
RESET (3)
Connect to VCC via a pull-up resistor(2)
NOTE:
1. When the power-on reset function is in use.
MCU
Port P0 to P3,
P4_3 to P4_5,
P5 to P8, P9_0 to P9_3
(Input mode )
:
:
(Input mode)
(Output mode)
Port P4_6, P4_7
RESET(1)
VREF
:
:
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com