| Electronic Components Datasheet Search |
|
SH7618 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7618 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 646 page ![]() Rev. 6.00 Jun. 12, 2007 Page xxx of xxxii Table 7.2 Address Map 1 (CMNCR.MAP = 0) .................................................................... 110 Table 7.3 Address Map 2 (CMNCR.MAP = 1) .................................................................... 111 Table 7.4 Correspondence between External Pin (MD3), Memory Type, and Bus Width for CS0......................................................................................... 112 Table 7.5 Correspondence between External Pin (MD5) and Endians................................. 112 Table 7.6 16-Bit External Device/Big Endian Access and Data Alignment......................... 142 Table 7.7 8-Bit External Device/Big Endian Access and Data Alignment........................... 143 Table 7.8 16-Bit External Device/Little Endian Access and Data Alignment ...................... 144 Table 7.9 8-Bit External Device/Little Endian Access and Data Alignment ........................ 145 Table 7.10 Relationship between Register Settings and Address Multiplex Output (1)......... 155 Table 7.11 Relationship between Register Settings and Address Multiplex Output (2)......... 156 Table 7.12 Relationship between Register Settings and Address Multiplex Output (3)......... 157 Table 7.13 Relationship between Register Settings and Address Multiplex Output (4)......... 158 Table 7.14 Relationship between Register Settings and Address Multiplex Output (5)......... 159 Table 7.15 Relationship between Register Settings and Address Multiplex Output (6)......... 160 Table 7.16 Relationship between Access Size and Number of Bursts.................................... 161 Table 7.17 Access Address for SDRAM Mode Register Write.............................................. 178 Section 8 Clock Pulse Generator (CPG) Table 8.1 Pin Configuration.................................................................................................. 196 Table 8.2 Mode Control Pins and Clock Operating Modes .................................................. 196 Table 8.3 Possible Combination of Clock Modes and FRQCR Values................................ 197 Section 10 Power-Down Modes Table 10.1 States of Power-Down Modes .............................................................................. 216 Table 10.2 Pin Configuration.................................................................................................. 217 Table 10.3 Register States in Software Standby Mode........................................................... 223 Section 11 Ethernet Controller (EtherC) Table 11.1 Pin Configuration.................................................................................................. 229 Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Table 12.1 EESR Bits for which This Problem can Occur and Reflection of Interrupt Sources in the Descriptor ....................................................................... 298 Table 12.2 Reference Values for Maximum Specified Time.................................................. 314 Section 14 Serial Communication Interface with FIFO (SCIF) Table 14.1 SCIF Pins.............................................................................................................. 328 Table 14.2 SCSMR Settings ................................................................................................... 347 Table 14.3 Bit Rates and SCBRR Settings in Asynchronous Mode....................................... 347 Table 14.4 Bit Rates and SCBRR Settings in Synchronous Mode ......................................... 350 Table 14.5 Maximum Bit Rates for Various Frequencies with Baud Rate Generator (Asynchronous Mode) .......................................................................................... 351 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |