Electronic Components Datasheet Search
  English  ▼

X  

SH7618A Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7618A Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7618A Datasheet HTML 29Page - Renesas Technology Corp SH7618A Datasheet HTML 30Page - Renesas Technology Corp SH7618A Datasheet HTML 31Page - Renesas Technology Corp SH7618A Datasheet HTML 32Page - Renesas Technology Corp SH7618A Datasheet HTML 33Page - Renesas Technology Corp SH7618A Datasheet HTML 34Page - Renesas Technology Corp SH7618A Datasheet HTML 35Page - Renesas Technology Corp SH7618A Datasheet HTML 36Page - Renesas Technology Corp SH7618A Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 1 of 610
REJ09B0131-0600
Section 1 Overview
This LSI is a CMOS single-chip microcontroller that integrates a high-speed CPU core using an
original Renesas Technology RISC (Reduced Instruction Set Computer) architecture with
supporting functions required for an Ethernet system.
The CPU of this LSI has a RISC (Reduced Instruction Set Computer) type instruction set. The
CPU basically operates at a rate of one instruction per cycle, offering a great improvement in
instruction execution speed. In addition, the 32-bit internal architecture provides improved data
processing power. With this CPU, it has become possible to assemble low-cost, high-
performance/high-functionality systems even for applications such as realtime control, which
could not previously be handled by microcontrollers because of their high-speed processing
requirements.
This LSI is equipped with a media access controller (MAC) conforming to the IEEE802.3u
standard, and an Ethernet controller that includes a media independent interface (MII) standard
unit, enabling 10/100 Mbps LAN connection. Supporting functions necessary for system
configuration are also provided, including cache memory, RAM, timers, a serial communication
interface with FIFO (SCIF), host interface (HFI), interrupt controller (INTC), and I/O ports.
The external memory access support function of this LSI enables direct connection to various
types of memory, such as standard memory, SDRAM, and PCMCIA. This greatly reduces system
cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com