Electronic Components Datasheet Search
  English  ▼

X  

SH7671 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7671
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7671 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7671 Datasheet HTML 24Page - Renesas Technology Corp SH7671 Datasheet HTML 25Page - Renesas Technology Corp SH7671 Datasheet HTML 26Page - Renesas Technology Corp SH7671 Datasheet HTML 27Page - Renesas Technology Corp SH7671 Datasheet HTML 28Page - Renesas Technology Corp SH7671 Datasheet HTML 29Page - Renesas Technology Corp SH7671 Datasheet HTML 30Page - Renesas Technology Corp SH7671 Datasheet HTML 31Page - Renesas Technology Corp SH7671 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 2 of 1262
REJ09B0437-0100
1.2
Applications
Main applications: Network application equipment, consumer equipment, digital AV equipment
1.3
Overview of Specifications
Table 1.1 shows the overview of the specifications of this LSI.
Table 1.1
Overview of SH7670 Group Specifications
Classification
Module/Function Description
On-chip RAM
• RAM size: 32 kbytes (four 8-kbyte banks)
Memory
Cache memory
• Instruction cache: 8 kbytes
• Operand cache: 8 kbytes
• 128-entry, 4-way set associative, 16-byte block length
configuration each for the instruction cache and operand
cache
• Write-back, write-through and LRU replacement algorithm
• Cache locking function available (only for operand cache);
ways 2 and 3 can be locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com