Electronic Components Datasheet Search
  English  ▼

X  

SH7673 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7673
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7673 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7673 Datasheet HTML 28Page - Renesas Technology Corp SH7673 Datasheet HTML 29Page - Renesas Technology Corp SH7673 Datasheet HTML 30Page - Renesas Technology Corp SH7673 Datasheet HTML 31Page - Renesas Technology Corp SH7673 Datasheet HTML 32Page - Renesas Technology Corp SH7673 Datasheet HTML 33Page - Renesas Technology Corp SH7673 Datasheet HTML 34Page - Renesas Technology Corp SH7673 Datasheet HTML 35Page - Renesas Technology Corp SH7673 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 6 of 1262
REJ09B0437-0100
Classification
Module/Function Description
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external
input (EXTAL or CKIO) or crystal resonator (EXTAL/XTAL
or USB_X1/USB_X2).
• Three types of clocks generated
 CPU clock:
 200 MHz (maximum) (regular specifications)
 133 MHz (maximum) (wide temperature
specifications)
 Bus clock:
 100 MHz (maximum) (regular specifications)
 66 MHz (maximum) (wide temperature specifications)
 Peripheral clock:
 50 MHz (maximum) (regular specifications)
 33 MHz (maximum) (wide temperature specifications)
These maximum frequencies are target values that were set
when we prepared this hardware manual. We will determine
the guaranteed maximum frequencies after the final
evaluation result of this LSI is obtained.
Clock
Power-down
modes
• Three power-down modes provided to reduce the current
consumption in this LSI
 Sleep mode
 Software standby mode
 Module standby mode
Compare match
timer (CMT)
• Two-channel 16-bit counter
• Four types of clocks selectable (Pφ/8, Pφ/32, Pφ/128, or
P
φ/512)
• Generates a compare match interrupt
Timer
Watchdog timer
(WDT)
• One-channel watchdog timer
A counter overflow can reset this LSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com