Electronic Components Datasheet Search
  English  ▼

X  

2N6213 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N6213
Description  POWER TRANSISTORS(2A, 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6213 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N6213 Datasheet HTML 1Page - Mospec Semiconductor 2N6213 Datasheet HTML 2Page - Mospec Semiconductor 2N6213 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2N6213

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6213 BOCA-2N6213 Datasheet
147Kb / 3P
MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
logo
Central Semiconductor C...
2N6213 CENTRAL-2N6213 Datasheet
51Kb / 1P
Power Transistors
logo
Microsemi Corporation
2N6213 MICROSEMI-2N6213 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6213 NJSEMI-2N6213 Datasheet
222Kb / 2P
MEDIUM-POWER HIGH-VOLTAGE PNP POWER TRANSISTORS
2N6213 NJSEMI-2N6213 Datasheet
76Kb / 1P
SI PNP POWER BJT
More results

Similar Description - 2N6213

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
2SD401A MOSPEC-2SD401A Datasheet
113Kb / 3P
POWER TRANSISTORS(2A,150V,25W)
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
2CHANNEL 35W POWER AMPLIFIER
logo
Rohm
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-50V / -2A)
2SCR512P ROHM-2SCR512P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 2A)
2SCR553P ROHM-2SCR553P_09 Datasheet
234Kb / 5P
Midium Power Transistors (50V / 2A)
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
35W Output Power
logo
Rohm
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
Medium Power Transistors(-30V/-2A)
2SAR553P5 ROHM-2SAR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (-50V / -2A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com