Electronic Components Datasheet Search
  English  ▼

X  

PCA7754 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PCA7754
Description  Converter from 80-pin 0.65mm-pitch QFP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA7754 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PCA7754 Datasheet HTML 1Page - Renesas Technology Corp PCA7754 Datasheet HTML 2Page - Renesas Technology Corp PCA7754 Datasheet HTML 3Page - Renesas Technology Corp PCA7754 Datasheet HTML 4Page - Renesas Technology Corp PCA7754 Datasheet HTML 5Page - Renesas Technology Corp PCA7754 Datasheet HTML 6Page - Renesas Technology Corp PCA7754 Datasheet HTML 7Page - Renesas Technology Corp PCA7754 Datasheet HTML 8Page - Renesas Technology Corp PCA7754 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
PCA4981C
Converter from 80-pin 0.8mm-pitch QFP (80P6N-A) to 40-pin DIL Standard Pitch
Function
The PCA4981C is a board that converts an 80-pin 0.8mm-pitch QFP
(80P6N-A) to the standard pitch. Pin No. 1 corresponds to pin No. 1.
Application
Use the PCA4981C as a test board to connect an 80P6N-A MCU
package to a standard pitch universal board. Since an 80P6N-A IC
socket (IC51-0804-819-6 made by Yamaichi Electronics Co., Ltd.) is
mounted on the PCA4981 BARE, it is easy to replace MCUs.
Dimensions
55.0(D)×60.0(W)×20.0(H)mm
(L)=50.8(2.54×20)mm
Pin Layout
[Ordering Information] See Appendix H "Ordering Information".
* Pins and other parts needed to connect the standard pitch converter are not included with the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com