Electronic Components Datasheet Search
  English  ▼

X  

INA219 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA219
Description  ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA219 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA219 Datasheet HTML 17Page - Texas Instruments INA219 Datasheet HTML 18Page - Texas Instruments INA219 Datasheet HTML 19Page - Texas Instruments INA219 Datasheet HTML 20Page - Texas Instruments INA219 Datasheet HTML 21Page - Texas Instruments INA219 Datasheet HTML 22Page - Texas Instruments INA219 Datasheet HTML 23Page - Texas Instruments INA219 Datasheet HTML 24Page - Texas Instruments INA219 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Max_Current=Current_LSB
32767
´
Max_Current=0.06226
(15)
Max_ShuntVoltage=Max_Current_Before_Overflow
R
´
SHUNT
Max_ShuntVoltage=0.3113
(16)
MaximumPower=Max_Current_Before_Overflow
V
´
BUS_MAX
MaximumPower=1.992
(17)
Corrected_Full_Scale_Cal=trunc
Cal
MeasShuntCurrent
INA219_Current
´
Corrected_Full_Scale_Cal=3462
(18)
INA219
www.ti.com........................................................................................................................................... SBOS448A – AUGUST 2008 – REVISED SEPTEMBER 2008
7. Compute the maximum current and shunt voltage values (before overflow), as shown by Equation 15 and
Equation 16. Note that both Equation 15 and Equation 16 involve an If - then condition.
If Max_Current
≥ Max Possible_I then
Max_Current_Before_Overflow = MaxPossible_I
Else
Max_Current_Before_Overflow = Max_Current
End If
(Note that Max_Current is less than MaxPossible_I in this example.)
Max_Current_Before_Overflow = 0.06226 (Note: This result is displayed by software as seen in Figure 22.)
If Max_ShuntVoltage
≥ VSHUNT_MAX
Max_ShuntVoltage_Before_Overflow = VSHUNT_MAX
Else
Max_ShuntVoltage_Before_Overflow= Max_ShuntVoltage
End If
(Note that Max_ShuntVoltage is less than VSHUNT_MAX in this example.)
Max_ShuntVoltage_Before_Overflow = 0.3113 (Note: This result is displayed by software as seen in
Figure 22.)
8. Compute the maximum power with equation 8.
9. (Optional second calibration step.) Compute the corrected full-scale calibration value based on measured
current.
INA219_Current = 0.06226
MeaShuntCurrent = 0.05
Figure 22 illustrates how to perform the same procedure discussed in this example using the automated
INA219EVM software. Note that the same numbers used in the nine-step example are used in the software
example in Figure 22. Also note that Figure 22 illustrates which results correspond to which step (for
example, the information entered in Step 1 is enclosed in a box in Figure 22 and labeled).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com