Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TINA-TI
Rset 2.5M
VoA2
VoA1
-
+
+
3
1
5
4
2
U5 OPA369
-
+
+
3
1
5
4
2
U6 OPA369
1/2ofmatched
monolithicdual
NPNtransistors
(example:MMDT3904)
Input I 10n
V
+
VM1
V1 5
uC Vref/2 2.5
Vdiff
Vout
+
-
+
U1 OPA335
R8 10k
+
RG
RG V+
V-
Ref
_
Out
2
1
8
3
6
7
5
4
U1 INA333
1/2ofmatched
monolithicdual
NPNtransistors
(example:MMDT3904)
NOTE:
Temperaturecompensation
ofloggingtransistorsisnotshown.
Optionalbufferfordriving
SARconverterswith
samplingsystemsof
33kHz.
³
RELATEDPRODUCTS
Formonolithiclogarithmicamplifiers(suchasLOG112orLOG114)seethelinkinfootnote1.
INA333
SBOS445A – JULY 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
Virtual instruments offer users the ability to select
(FREE DOWNLOAD SOFTWARE)
input waveforms and probe circuit nodes, voltages,
and waveforms, creating a dynamic quick-start tool.
Using TINA-TI SPICE-Based Analog Simulation
Program with the INA333
Figure 38 and Figure 39 show example TINA-TI
circuits for the INA333 that can be used to develop,
TINA is a simple, powerful, and easy-to-use circuit
modify, and assess the circuit design for specific
simulation program based on a SPICE engine.
applications. Links to download these simulation files
TINA-TI is a free, fully functional version of the TINA
are given below.
software, preloaded with a library of macromodels in
addition to a range of both passive and active
NOTE: these files require that either the TINA
models. It provides all the conventional dc, transient,
software (from DesignSoft) or TINA-TI software be
and frequency domain analysis of SPICE as well as
installed. Download the free TINA-TI software from
additional design capabilities.
the TINA-TI folder.
Available as a free download from the Analog eLab
Design
Center,
TINA-TI
offers
extensive
post-processing capability that allows users to format
results in a variety of ways.
(1) The following link launches the TI logarithmic amplifiers web page: Logarithmic Amplifier Products Home Page
Figure 38. Low-Power Log Function Circuit for Portable Battery-Powered Systems
(Example Glucose Meter)
To download a compressed file that contains the TINA-TI simulation file for this circuit, click the following link:
Log Circuit.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com