Electronic Components Datasheet Search
  English  ▼

X  

DG441L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG441L
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441L Datasheet(HTML) 2 Page - Vishay Siliconix

  DG441L Datasheet HTML 1Page - Vishay Siliconix DG441L Datasheet HTML 2Page - Vishay Siliconix DG441L Datasheet HTML 3Page - Vishay Siliconix DG441L Datasheet HTML 4Page - Vishay Siliconix DG441L Datasheet HTML 5Page - Vishay Siliconix DG441L Datasheet HTML 6Page - Vishay Siliconix DG441L Datasheet HTML 7Page - Vishay Siliconix DG441L Datasheet HTML 8Page - Vishay Siliconix DG441L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DG441L/442L
Vishay Siliconix
www.vishay.com
2
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
ABSOLUTE MAXIMUM RATINGS
V+ to V -
- 0.3 to 13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V -
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
GND - 0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms, 10% duty cycle)
100 mA
. . . . . . . . . . . . . . . . . .
Storage Temperature:
(DQ, DY Suffix)
- 65 to 125
_C
. . . . . . . . . . . . . . . . . .
(AK Suffix)
- 65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
16-Pin TSSOPc
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow Body SOICd
650 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPe
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 7 mW/
_C above 75_C
d.
Derate 7.6 mW/
_C above 75_C
e.
Derate 12 mW/
_C above 75_C
SPECIFICATIONSa (SINGLE SUPPLY 12 V)
Test Conditions
Unless Specified
A Suffix Limits
- 55 to 125
_C
D Suffix Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 12 V, V - = 0 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
V+ = 10.8 V, V - = 0 V
IS = 10 mA, VD = 2/9 V
Room
Full
20
30
45
30
40
W
On-Resistance
Match Between Channelse
DrDS(on)
IS = 10 mA, VD = 9 V
Room
0.1
0.5
0.5
W
Switch Off
IS(off)
VD = 1/11 V VS = 11/1 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Switch Off
Leakage Current
ID(off)
VD = 1/11 V, VS = 11/1 V
Room
Full
-1
-15
1
15
-1
-10
1
10
nA
Channel On
Leakage Current
ID(on)
VS = VD = 11/1 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
0.01
- 1.5
1.5
-1
1
mA
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
- 1.5
1.5
-1
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
Room
Full
20
60
80
60
70
ns
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF
VS = 5 V See Figure 2
Room
Full
12
35
50
35
45
ns
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 10 nF
Room
5
pC
Off Isolatione
OIRR
RL = 50 W CL = 5 pF
Room
71
Channel-to-Channel
Crosstalke
XTALK
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
95
dB
Source Off Capacitancee
CS(off)
Room
5
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
6
pF
Channel On Capacitancee
CD(on)
Room
15
p
Power Supplies
Positive Supply Current
I+
Full
0.03
1.5
1
Negative Supply Current
I-
VIN = 0 or 12 V
Room
Full
- 0.002
-1
- 7.5
-1
-5
mA
Ground Current
IGND
Full
- 0.002
- 1.5
-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com