Electronic Components Datasheet Search
  English  ▼

X  

DG536DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG536DN
Description  16-Channel Wideband Video Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG536DN Datasheet(HTML) 3 Page - Vishay Siliconix

  DG536DN Datasheet HTML 1Page - Vishay Siliconix DG536DN Datasheet HTML 2Page - Vishay Siliconix DG536DN Datasheet HTML 3Page - Vishay Siliconix DG536DN Datasheet HTML 4Page - Vishay Siliconix DG536DN Datasheet HTML 5Page - Vishay Siliconix DG536DN Datasheet HTML 6Page - Vishay Siliconix DG536DN Datasheet HTML 7Page - Vishay Siliconix DG536DN Datasheet HTML 8Page - Vishay Siliconix DG536DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 70070
S-71241–Rev. E, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG535/536
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, ST, CS = 10.5 V
CS = 4.5 V, VA = 4.5 or 10.5 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Minc
Maxc
Minc
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
10010
V
Drain-Source
On-Resistance
rDS(on)
IS = - 1 mA, VD = 3 V, EN = 10.5 V
Sequence Each Switch On
Room
Full
55
90
120
90
120
Ω
Resistance Match
Δr
DS(on)
Room
9
9
Source Off Leakage Current
IS(off)
VS = 3 V, VD = 0 V, EN = 4.5 V
Room
Full
- 10
- 100
10
100
- 10
- 100
10
100
nA
Drain On Leakage Current
ID(on)
VS = VD = 3 V, EN = 10.5 V
Room
Full
- 10
- 1000
10
1000
- 10
- 100
- 10
- 100
Disable Output
RDISABLE
IDISABLE = 1 mA, EN = 10.5 V
Room
Full
100
200
250
200
250
Ω
Digital Control
Input Voltage High
VAIH
Full
10.5
10.5
V
Input Voltage Low
VAIL
Full
4.5
4.5
Address Input Current
IAI
VA = GND or V+
Room
Full
< 0.01
- 1
- 100
1
100
- 1
- 100
1
100
µA
Address Input Capacitance
CA
Full
5
pF
Dynamic Characteristics
On State Input Capacitancee
CS(on)
VD = VS = 3 V
PLCC
Room
32
45
45
pF
Cerquad
Room
35
DIP
Room
40
55
55
Off State Input Capacitancee
CS(off)
VS = 3 V
PLCC
Room
2
8
8
Cerquad
Room
5
DIP
Room
3
Off State Output
Capacitancee
CD(off)
VD = 3 V
PLCC
Room
8
20
20
Cerquad
Room
12
DIP
Room
9
Multiplexer Switching Time
tTRANS
See Figure 4
Full
300
300
ns
Break-Before-Make Interval
tOPEN
Full
25
25
EN, CS, CS, ST, tON
tON
See Figure 2 and 3
Full
300
300
EN, CS, CS, ST, tOFF
tOFF
See Figure 2
Full
150
150
Charge Injection
Q
See Figure 5
Room
- 35
pC
Single-Channel Crosstalk
XTALK(SC)
RIN = 75 Ω, RL = 75 Ω
f = 5 MHz
See Figure 9
PLCC
Room
- 100
dB
Cerquad
Room
- 93
DIP
Room
- 60
Chip Disabled Crosstalk
XTALK(CD)
RIN = RL = 75 Ω, f = 5 MHz
EN = 4.5 V
See Figure 8
PLCC
Room
- 85
Cerquad
Room
- 84
DIP
Room
- 60
Adjacent Input Crosstalk
XTALK(AI)
RIN = 10 Ω, RL = 10 kΩ
f = 5 MHz
See Figure 10
PLCC
Room
- 92
Cerquad
Room
- 87
DIP
Room
- 72
All Hostile Crosstalke
XTALK(AH)
RIN = 10 Ω, RL = 10 kΩ
f = 5 MHz
See Figure 7
PLCC
Room
- 74
- 60
- 60
Cerquad
Room
- 74
DIP
Room
- 60
Bandwidth
BW
RL = 50 Ω, See Figure 6
Room
500
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com