Electronic Components Datasheet Search
  English  ▼

X  

DG201HSDQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG201HSDQ
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HSDQ Datasheet(HTML) 5 Page - Vishay Siliconix

  DG201HSDQ Datasheet HTML 1Page - Vishay Siliconix DG201HSDQ Datasheet HTML 2Page - Vishay Siliconix DG201HSDQ Datasheet HTML 3Page - Vishay Siliconix DG201HSDQ Datasheet HTML 4Page - Vishay Siliconix DG201HSDQ Datasheet HTML 5Page - Vishay Siliconix DG201HSDQ Datasheet HTML 6Page - Vishay Siliconix DG201HSDQ Datasheet HTML 7Page - Vishay Siliconix DG201HSDQ Datasheet HTML 8Page - Vishay Siliconix DG201HSDQ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
www.vishay.com
5
Vishay Siliconix
DG201HS
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
rDS(on) vs. VD and Power Supply Voltages
rDS(on) vs. VD and Single Power Supply Voltages
Input Switching Threshold vs. Supply Voltage
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
0
10
20
30
40
50
60
70
± 5 V
VD – Drain Voltage (V)
± 10 V
± 15 V
± 20 V
02468
10
12
14
16
0
20
40
60
80
100
120
140
160
180
VD – Drain Voltage (V)
V+ = 5 V
7 V
10 V
12 V
15 V
0
0.5
1
1.5
2
2.5
Positive Supplies (V)
4
6
8
10
1214
1618
20
rDS(on) vs. VD and Temperature
Leakage Currents vs. Temperature
Switching Time vs. Power Supply Voltage
0
10
20
30
40
50
- 15
- 10
- 5
0
5
10
15
VD – Drain Voltage (V)
125 °C
85 °C
- 55 °C
0 °C
V+ = 15 V
V- = - 15 V
25 °C
- 60 - 40 - 20
0
20
40
60
80
100 120 140
10 pA
100 pA
1 nA
10 nA
ID(on)
Temperature (°C)
IS(off), ID(off)
30
35
40
45
50
55
± 4
± 6
± 8
± 10
± 12
± 14
± 16
± 18
± 20
Supply Voltage (V)
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com