Electronic Components Datasheet Search
  English  ▼

X  

DG884DN Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG884DN
Description  8 x 4 Wideband Video Crosspoint Array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG884DN Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG884DN Datasheet HTML 6Page - Vishay Siliconix DG884DN Datasheet HTML 7Page - Vishay Siliconix DG884DN Datasheet HTML 8Page - Vishay Siliconix DG884DN Datasheet HTML 9Page - Vishay Siliconix DG884DN Datasheet HTML 10Page - Vishay Siliconix DG884DN Datasheet HTML 11Page - Vishay Siliconix DG884DN Datasheet HTML 12Page - Vishay Siliconix DG884DN Datasheet HTML 13Page - Vishay Siliconix DG884DN Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Document Number: 70071
S-71241–Rev. H, 25-Jun-07
www.vishay.com
13
Vishay Siliconix
DG884
APPLICATIONS
A typical switching threshold versus VL is shown in Figure 15.
These devices feature an address readback facility whereby
the last address written to the device may be read by the
system. This allows improved status monitoring and hand
shaking without additional external components.
When the I/O assigns the address output condition, the AX
address pins can sink or source current for logic low and
high, respectively. Note that VL is the logic high output
condition. This point must be respected if VL is varied for
input logic threshold shifting.
Note: Even though these devices are designed to be latchup
resistant, VL must not exceed V+ by more than 0.3 V in
operation or during power supply on/off sequencing.
Layout
The PLCC package pinout is optimized so that large
crosspoint arrays can be easily implemented with a minimum
number of PCB layers (see Figure 16). Crosstalk is
minimized and off-isolation is optimized by having ground
pins located adjacent to each input and output signal pins.
Optimum off-isolation and low crosstalk performance can
only be achieved by the proper use of RF layout techniques:
avoid sockets, use ground planes, avoid ground loops,
bypass the power supplies with high frequency type
capacitors (low ESR, low ESL), use striplines to maintain
transmission line impedance matching.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?70071.
Figure 16. 16 X 8 Expandable Crosspoint Matrix Using DG884
Video
In Bus
Video
In Bus
Video
In Bus
Video
In Bus
Video
Out Bus
Video
Out Bus
Video
Out Bus
Video
Out Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com