Electronic Components Datasheet Search
  English  ▼

X  

DG409LDQ Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG409LDQ
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDQ Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG409LDQ Datasheet HTML 4Page - Vishay Siliconix DG409LDQ Datasheet HTML 5Page - Vishay Siliconix DG409LDQ Datasheet HTML 6Page - Vishay Siliconix DG409LDQ Datasheet HTML 7Page - Vishay Siliconix DG409LDQ Datasheet HTML 8Page - Vishay Siliconix DG409LDQ Datasheet HTML 9Page - Vishay Siliconix DG409LDQ Datasheet HTML 10Page - Vishay Siliconix DG409LDQ Datasheet HTML 11Page - Vishay Siliconix DG409LDQ Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
9
Vishay Siliconix
DG408L/409L
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
TEST CIRCUITS
Figure 1.
EN
A0
S1
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V-
V+
AX
GND
V+
Figure 2. Transition Time
A1
A0
A2
A1
A0
V+
V-
EN
V+
V-
GND
D
35 pF
VO
S1
S2 - S7
S8
50
Ω
300
Ω
VS8
VS1
V+
V-
EN
V+
V-
GND
35 pF
VO
S1b
S1a - S4a, Da
S4b
300
Ω
Db
Logic
Input
Switch
Output
VS8
VO
tTRANS
tr < 20 ns
tf < 20 ns
S8 ON (DG408L)
or
S4 ON (DG409L)
S1 ON
tTRANS
50 %
VS1
50 %
90 %
90 %
3 V
0 V
DG408L
DG409L
VSB4
VS1
3 V
3 V
VAX
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com