Electronic Components Datasheet Search
  English  ▼

X  

STW8NC90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW8NC90Z
Description  N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8NC90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW8NC90Z Datasheet HTML 1Page - STMicroelectronics STW8NC90Z Datasheet HTML 2Page - STMicroelectronics STW8NC90Z Datasheet HTML 3Page - STMicroelectronics STW8NC90Z Datasheet HTML 4Page - STMicroelectronics STW8NC90Z Datasheet HTML 5Page - STMicroelectronics STW8NC90Z Datasheet HTML 6Page - STMicroelectronics STW8NC90Z Datasheet HTML 7Page - STMicroelectronics STW8NC90Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2000
STW8NC90Z
N-CHANNEL 900V - 1.1
Ω - 7.6A TO-247
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 1.1 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY GATE-
TO-SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤7.6A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*)Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STW8NC90Z
900 V
< 1.38
Ω
7.6 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuos) at TC = 25°C
7.6
A
ID
Drain Current (continuos) at TC = 100°C
4.8
A
IDM (q)
Drain Current (pulsed)
30
A
PTOT
Total Dissipation at TC = 25°C
190
W
Derating Factor
1.51
W/°C
IGS
Gate-source Current (*)
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-247


Similar Part No. - STW8NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
May-2001
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
Dec-2001
More results

Similar Description - STW8NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW10NC70Z STMICROELECTRONICS-STW10NC70Z Datasheet
249Kb / 8P
N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
May-2001
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH™ II MOSFET
Dec-2001
STW9NC70Z STMICROELECTRONICS-STW9NC70Z Datasheet
248Kb / 8P
N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH™ II MOSFET
Mar-2001
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
17-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com