Electronic Components Datasheet Search
  English  ▼

X  

STW9NA80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW9NA80
Description  N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NA80 Datasheet(HTML) 1 Page - STMicroelectronics

  STW9NA80 Datasheet HTML 1Page - STMicroelectronics STW9NA80 Datasheet HTML 2Page - STMicroelectronics STW9NA80 Datasheet HTML 3Page - STMicroelectronics STW9NA80 Datasheet HTML 4Page - STMicroelectronics STW9NA80 Datasheet HTML 5Page - STMicroelectronics STW9NA80 Datasheet HTML 6Page - STMicroelectronics STW9NA80 Datasheet HTML 7Page - STMicroelectronics STW9NA80 Datasheet HTML 8Page - STMicroelectronics STW9NA80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STW9NA80
STH9NA80FI
N - CHANNEL 800V - 0.85
Ω - 9.1A - TO-247/ISOWATT218
FAST POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 0.85
Ω
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
ST W9NA80
STH9NA80F I
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC9.1
5.9
A
ID
Drain Current (continuous) at Tc =100
oC6
3.9
A
IDM (
•)
Drain Current (pulsed)
36.4
36.4
A
Ptot
T otal Dissipation at Tc =25
oC
190
80
W
Derating Factor
1.52
0.64
W /
o C
VISO
I nsulat ion W ithstand Voltage (DC)
4000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW 9NA80
STH9NA80FI
800 V
800 V
<1.0
Ω
<1.0
Ω
9. 1 A
5. 9 A
November 1998
1
2
3
TO-247
ISOWATT218
1
2
3
1/10


Similar Part No. - STW9NA80

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
logo
Inchange Semiconductor ...
STW9NA80 ISC-STW9NA80 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW9NA80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW16NA40 STMICROELECTRONICS-STW16NA40 Datasheet
73Kb / 6P
N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
Oct-1998
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW6NA80 STMICROELECTRONICS-STW6NA80 Datasheet
138Kb / 10P
N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Oct-1998
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
Oct-1998
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
logo
New Jersey Semi-Conduct...
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com